Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR20150 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # MBR20150
Description  20.0 Amp Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MBR20150 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  MBR20150 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MBR20150 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
MBR20150
Voltage 150 V
20.0 Amp Schottky Barrier Rectifiers
03-Nov-2014 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
1
1
1
1
2
2
2
2
3
3
3
3
RoHS Compliant Product
A suffix of “-C” specifies halogen free
FEATURES
Low forward voltage drop
High current capability
High reliability
High surge current capability
Epitaxial construction
MECHANICAL DATA
Case: Molded plastic
Epoxy: UL94V-0 rate flame retardant
Lead: Lead solderable per MIL-STD-202
method 208 guaranteed
Polarity: As Marked
Mounting position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25°C ambient temperature unless otherwise s pecified. Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.)
Parameter
Symbol
Rating
Unit
Maximum Recurrent Peak Reverse Voltage
VRRM
150
V
Working Peak Reverse Voltage
VRWM
150
V
Maximum DC Blocking Voltage
VDC
150
V
(Per Leg)
10
Maximum Average Forward Rectified
Current
(Per Device)
IF
20
A
Peak Forward Surge Current, 8.3 ms single half sine-wave
IFSM
180
A
Power dissipation
PD
2
W
Typical Thermal Resistance
RθJA
50
°C /W
Typical Thermal Resistance
RθJC
2
°C /W
Operating and Storage Temperature Range
TJ,TSTG
150, -55~150
°C
ELECTRICAL CHARACTERISTICS
Parameter
Symbol
MIN.
Typ.
Max.
Unit
Test Condition
Reverse voltage
VBR
150
-
-
V
-
0.83
0.89
IF=10A, TJ =25°C
Maximum Instantaneous Forward Voltage
VF
-
0.73
-
V
IF=10A, TJ =100°C
-
-
0.5
VR=150V, TJ =25°C
Maximum DC Reverse Current
at Rated DC Blocking Voltage
2
IR
-
-
2
mA
VR=150V, TJ =100°C
Typical Junction Capacitance
1
CJ
-
90
-
pF
NOTES:
1. Measured at 1MHz and applied reverse voltage of 5.0V D.C.
2. Pulse Test:Pulse Width = 300 µs, Duty Cycle ≦ 2.0%.
TO-220J
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
10.010
10.350
I
4.980
5.180
B
3.735
3.935
J
3.560
3.960
C
2.590
2.890
K
4.470
4.670
D
12.060
12.460
L
1.200
1.400
E
1.170
1.370
M
8.500
8.900
F
0.710
0.910
N
2.520
2.820
G
13.400
13.800
Q
0.330
0.650
H
2.540 TYP.


Similar Part No. - MBR20150

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR20150 MCC-MBR20150 Datasheet
382Kb / 3P
20 Amp High Voltage Power Schottky Barrier Rectifier 150Volts
logo
List of Unclassifed Man...
MBR20150 ETC2-MBR20150 Datasheet
113Kb / 1P
20 Amp HT Power Schottky Barrier Rectifier
logo
Micro Commercial Compon...
MBR20150 MCC-MBR20150 Datasheet
107Kb / 3P
20 Amp Schottky Barrier Rectifier 20 to 200 Volts
logo
Taiwan Semiconductor Co...
MBR20150 TSC-MBR20150 Datasheet
665Kb / 2P
20.0 AMPS. Schottky Barrier Rectifiers
logo
Sangdest Microelectroni...
MBR20150 SMC-MBR20150 Datasheet
246Kb / 5P
SCHOTTKY RECTIFIER
More results

Similar Description - MBR20150

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SP20250 SECOS-SP20250 Datasheet
103Kb / 2P
20.0 AMP Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
MBR20L100CT TSC-MBR20L100CT Datasheet
260Kb / 2P
20.0 AMP. Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SBR2045F SECOS-SBR2045F_10 Datasheet
143Kb / 2P
20.0 Amp Schottky Barrier Rectifiers
SP20150R SECOS-SP20150R_10 Datasheet
154Kb / 2P
20.0 Amp Schottky Barrier Rectifiers
logo
Goodwork Semiconductor ...
SRF20150CT GWSEMI-SRF20150CT Datasheet
71Kb / 2P
20.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
MBR2060 SECOS-MBR2060_15 Datasheet
201Kb / 2P
20.0 Amp Schottky Barrier Rectifiers
MBR20100F SECOS-MBR20100F_15 Datasheet
223Kb / 2P
20.0 Amp Schottky Barrier Rectifiers
SBR20200 SECOS-SBR20200_15 Datasheet
286Kb / 2P
20.0 Amp Schottky Barrier Rectifiers
SM2020D SECOS-SM2020D_15 Datasheet
304Kb / 2P
20.0 Amp Schottky Barrier Rectifiers
SP20150R SECOS-SP20150R_15 Datasheet
289Kb / 2P
20.0 Amp Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com