Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJE170 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # MJE170
Description  PNP General Purpose Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MJE170 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  MJE170_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MJE170_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH MJE170_15 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MJE170 / MJE171 / MJE172
PNP General Purpose Transistor
Elektronische Bauelemente
25-Nov-2010 Rev. A
Page 2 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
Emitter Cut - Off Current
IEBO
-
-
0.1
A
VEB = -7V, IC = 0
DC Current Gain
hFE(1)
50
-
250
VCE = -1V, IC = -100 mA
hFE(2)
30
-
-
VCE = -1V, IC = -500 mA
hFE(3)
12
-
-
VCE = -1V, IC = -1.5A
Collector - Emitter Saturation Voltage
VCE(sat)1
-
-
-0.3
V
IC = -500mA, IB = -50 mA
VCE(sat)2
-
-
-0.9
V
IC = -1.5A, IB = -150 mA
VCE(sat)3
-
-
-1.7
V
IC = -3A, IB = -600 mA
Base – Emitter Saturation Voltage
VBE(sat)1
-
-
-1.5
V
IC = -1.5A, IB = -150 mA
VBE(sat)2
-
-
-2
V
IC = -3A, IB = -600 mA
Base – Emitter Voltage
VBE
-
-
-1.2
V
VCE = -1V, IC = -500 mA
Transition Frequency
f T
50
-
-
MHz
VCE = -10V, IC = -100 mA
Collector output capacitance
COB
-
-
50
pF
VCB = -10V, IE = 0, f = 0.1MHz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com