Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RNA51957AFPH0 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # RNA51957AFPH0
Description  Voltage Detecting, System Resetting IC Series
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RNA51957AFPH0 Datasheet(HTML) 2 Page - Renesas Technology Corp

  RNA51957AFPH0 Datasheet HTML 1Page - Renesas Technology Corp RNA51957AFPH0 Datasheet HTML 2Page - Renesas Technology Corp RNA51957AFPH0 Datasheet HTML 3Page - Renesas Technology Corp RNA51957AFPH0 Datasheet HTML 4Page - Renesas Technology Corp RNA51957AFPH0 Datasheet HTML 5Page - Renesas Technology Corp RNA51957AFPH0 Datasheet HTML 6Page - Renesas Technology Corp RNA51957AFPH0 Datasheet HTML 7Page - Renesas Technology Corp RNA51957AFPH0 Datasheet HTML 8Page - Renesas Technology Corp RNA51957AFPH0 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
RNA51957A, B
Preliminary
R03DS0010EJ0500 Rev.5.00
Page 2 of 13
Jun 19, 2012
Outline and Article Indication
Trace Code
• RNA51957A, B
Pin No.1
Y: Year Code
(the last digit of year)
M: Month Code
W: Week Code
C: Control Code
Lot No.
Part No.
R 9 5 7 A
YMWC
CCC
SOP-8
DIP-8
R 9 5 7 B
YMWC
CCC
Part No.
55
19
7 B
R
55
19
7 A
R
Y: Year Code
M: Month Code
W: Week Code
Y M WY M W
Pin Arrangement
NC: No Connection
RNA51957A, B
8
5
6
7
NC
Delay capacitor
Output
Power-supply
NC
GND
NC
Input
1
4
3
2
(Top view)
Outline: PRSP0008DE-C (SOP-8)
PRDP0008AF-B (DIP-8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com