Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WPANT30033-R2A Datasheet(PDF) 1 Page - World Produts Inc.

Part # WPANT30033-R2A
Description  2.4 GHz Wi-Fi Stubby Antenna
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

WPANT30033-R2A Datasheet(HTML) 1 Page - World Produts Inc.

  WPANT30033-R2A Datasheet HTML 1Page - World Produts Inc. WPANT30033-R2A Datasheet HTML 2Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev: 2.0
Created on: February 28, 2014
Created by: MKS
Approved by: BP
Page | 1
WPANT30033-R2A
2.4 GHz Wi-Fi Stubby Antenna
Description / Application
This is a high gain 2.4 GHz Wi-Fi Omni Directional Whip Antenna. This is more of a plug-and-play solution. It has a swivel
mechanism and comes with a U.FL cable and IPX/Hirose equivalent connector.
We can assist your engineers to optimize mounting positions for these antennas in your specific application and can further
customize the antennas for your specific needs. Please contact sales@worldproducts.com with your specific application
requirements.
Electrical Properties
Operating Frequency
2.4 – 2.5 GHz
Approximate Antenna Impedance [
Ω]
50Ω
VSWR – Typical
< 2:1
Peak Gain [dBi] (Typical)
~ 4 dBi
Polarization
Linear (Vertical)
Pattern
Near Omni Directional; Also depends on installation
Mechanical / Environmental Properties
Antenna Height
7.7’’
(195 mm)
Antenna Color
Black
Cable
6 inches long 1.13mm OD Micro Co-ax
Connector
IPX / Hirose equivalent
Operating / Storage Temperature
-40
oC to +90oC
Environmental
Meets standards for UL 94V-0
Hazardous Materials
RoHS Compliant


Similar Part No. - WPANT30033-R2A

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANT30033-R2A WPI-WPANT30033-R2A_15 Datasheet
76Kb / 2P
2.4 GHz Wi-Fi Stubby Antenna
More results

Similar Description - WPANT30033-R2A

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANT30005-SA WPI-WPANT30005-SA Datasheet
251Kb / 4P
2.4 GHz Wi-Fi Stubby Antenna
WPANT30032-RA WPI-WPANT30032-RA Datasheet
83Kb / 2P
2.4 GHz Wi-Fi Stubby Antenna
WPANT30035-RA WPI-WPANT30035-RA Datasheet
95Kb / 2P
2.4 GHz Wi-Fi Stubby Antenna
WPANT30081-R1A WPI-WPANT30081-R1A Datasheet
79Kb / 2P
2.4 GHz Wi-Fi Stubby Antenna
WPANT30091-R1A WPI-WPANT30091-R1A Datasheet
76Kb / 2P
2.4 GHz Wi-Fi Stubby Antenna
WPANTDP053 WPI-WPANTDP053 Datasheet
135Kb / 2P
2.4 GHz Wi-Fi Stubby Antenna
WPANT30005-SA WPI-WPANT30005-SA_15 Datasheet
248Kb / 4P
2.4 GHz Wi-Fi Stubby Antenna
WPANT30033-R2A WPI-WPANT30033-R2A_15 Datasheet
76Kb / 2P
2.4 GHz Wi-Fi Stubby Antenna
WPANT30124 WPI-WPANT30124 Datasheet
88Kb / 2P
2.4 GHz Wi-Fi Stubby Antenna
WPANT30126 WPI-WPANT30126 Datasheet
82Kb / 2P
2.4 GHz Wi-Fi Stubby Antenna
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com