Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

20ETS Datasheet(PDF) 1 Page - International Rectifier

Part # 20ETS
Description  SURFACE MOUNTABLE INPUT RECTIFIER DIODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

20ETS Datasheet(HTML) 1 Page - International Rectifier

  20ETS Datasheet HTML 1Page - International Rectifier 20ETS Datasheet HTML 2Page - International Rectifier 20ETS Datasheet HTML 3Page - International Rectifier 20ETS Datasheet HTML 4Page - International Rectifier 20ETS Datasheet HTML 5Page - International Rectifier 20ETS Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
INPUT RECTIFIER DIODE
TO-220 FULLPAK
1
Bulletin I2134 rev. C 03/99
V
F
< 1V @ 10A
I
FSM = 300A
V
RRM 800 to 1600V
SAFEIR Series
20ETS..FP
www.irf.com
Major Ratings and Characteristics
I
F(AV)
Sinusoidal
waveform
V
RRM
800to 1600
V
I
FSM
300
A
V
F
@ 10 A, T
J
= 25°C
1.0
V
T
J
-40to150
°C
Characteristics
20ETS..FP Units
20
A
TO-220 FULLPAK
Output Current in Typical Applications
Applications
Single-phase Bridge
Three-phase Bridge
Units
Description/Features
The 20ETS..FP rectifier
SAFEIR series has been
optimized for very low forward voltage drop, with
moderate leakage. The glass passivation
technology used has reliable operation up to 150°C
junction temperature.
Typical applications are in input rectification and
these products are designed to be used with
International Rectifier Switches and Output
Rectifiers which are available in identical package
outlines. Fully isolated package (V
INS = 2500 VRMS).
UL E78996 approved
Capacitive input filter TA = 55°C, TJ = 125°C,
18
22
A
commonheatsinkof1°C/W
Package Outline


Similar Part No. - 20ETS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
20ETS08 IRF-20ETS08 Datasheet
179Kb / 7P
INPUT RECTIFIER DIODE
logo
Inchange Semiconductor ...
20ETS08 ISC-20ETS08 Datasheet
238Kb / 2P
Input Rectifier Diode
logo
Vishay Siliconix
20ETS08FP VISHAY-20ETS08FP Datasheet
134Kb / 7P
Input Rectifier Diode, 20 A
04-Aug-08
logo
Inchange Semiconductor ...
20ETS08FP ISC-20ETS08FP Datasheet
263Kb / 2P
Input Rectifier Diode
logo
Vishay Siliconix
20ETS08FPPBF VISHAY-20ETS08FPPBF Datasheet
134Kb / 7P
Input Rectifier Diode, 20 A
04-Aug-08
More results

Similar Description - 20ETS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
8EWS IRF-8EWS Datasheet
199Kb / 7P
SURFACE MOUNTABLE INPUT RECTIFIER DIODE
8EWS08SPBF IRF-8EWS08SPBF Datasheet
213Kb / 7P
SURFACE MOUNTABLE INPUT RECTIFIER DIODE Lead-Free ("PbF" suffix)
8EWS08S IRF-8EWS08S Datasheet
202Kb / 7P
SURFACE MOUNTABLE INPUT RECTIFIER DIODE
logo
Vishay Siliconix
8EWS08SPBF VISHAY-8EWS08SPBF Datasheet
532Kb / 7P
Surface Mountable Input Rectifier Diode, 8 A
01-Jul-09
8EWS16SPBF VISHAY-8EWS16SPBF Datasheet
155Kb / 7P
Surface Mountable Input Rectifier Diode, 8 A
01-Jul-09
VS-8EWS08S-M3 VISHAY-VS-8EWS08S-M3 Datasheet
170Kb / 7P
High Voltage Surface Mountable Input Rectifier Diode, 8 A
19-Jan-17
VS-8EWS12SLHM3 VISHAY-VS-8EWS12SLHM3 Datasheet
123Kb / 5P
High Voltage Surface Mountable Input Rectifier Diode, 8 A
22-Feb-18
VS-8EWS16SLHM3 VISHAY-VS-8EWS16SLHM3 Datasheet
120Kb / 5P
High Voltage Surface Mount Input Rectifier Diode, 8 A
22-Feb-18
VS-8EWS08S-M3 VISHAY-VS-8EWS08S-M3_V01 Datasheet
134Kb / 6P
High Voltage Surface Mountable Input Rectifier Diode, 8 A
24-Sep-2019
VS-8EWS12SLHM3 VISHAY-VS-8EWS12SLHM3_V01 Datasheet
154Kb / 6P
High Voltage Surface Mountable Input Rectifier Diode, 8 A
25-Sep-2019
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com