Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL4148 Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # LL4148
Description  150mA Surface Mount Fast Switching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

LL4148 Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  LL4148 Datasheet HTML 1Page - SUNMATE electronic Co., LTD LL4148 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Case: MiniMELF(SOD-80)
1 of 2
Features
·
Fast Switching Speed
·
Surface Mount Package Ideally Suited for
Automatic Insertion
·
General Purpose Rectification
·
Silicon Epitaxial Planar Construction
Features
·
·
Terminals: Solderable per MIL-STD-202,
Method 208
·
Polarity: Cathode Band
·
Marking: Cathode Band Only
·
Weight: 0.05 grams (approx.)
Mechanical Data
A
C
B
MiniMELF
Dim
Min
Max
A
3.30
3.70
B
1.30
1.60
C
0.28
0.50
All Dimensions in mm
Characteristic
Symbol
LL4148
LL4448
Unit
Non-Repetitive Peak Reverse Voltage
VRM
100
V
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
75
V
RMS Reverse Voltage
VR(RMS)
53
V
Forward Continuous Current (Note 1)
IFM
300
500
mA
Average Rectified Output Current (Note 1)
IO
150
mA
Non-Repetitive Peak Forward Surge Current @ t = 1.0s
@ t = 1.0
ms
IFSM
1.0
2.0
A
Power Dissipation (Note 1)
Derate Above 25
°C
Pd
500
1.68
mW
mW/
°C
Thermal Resistance, Junction to Ambient Air (Note 1)
RqJA
300
K/W
Operating and Storage Temperature Range
Tj ,TSTG
-65 to +175
°C
@ TA = 25
°C unless otherwise specified
Notes: 1. Valid provided that device terminals are kept at ambient temperature.
Characteristic
Symbol
Min
Max
Unit
Test Condition
Maximum Forward Voltage
LL4148
LL4448
LL4448
VFM
¾
0.62
¾
1.0
0.72
1.0
V
IF = 10mA
IF = 5.0mA
IF = 100mA
Maximum Peak Reverse Current
IRM
¾
5.0
50
30
25
mA
mA
mA
nA
VR = 75V
VR = 70V, Tj = 150
°C
VR = 20V, Tj = 150
°C
VR = 20V
Capacitance
Cj
¾
4.0
pF
VR = 0, f = 1.0MHz
Reverse Recovery Time
trr
¾
4.0
ns
IF = 10mA to IR =1.0mA
VR = 6.0V, RL = 100
W
LL4148 / LL4448
Maximum Ratings and Electrical Characteristics
150mA Surface Mount Fast Switching Diode


Similar Part No. - LL4148

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LL4148 VISHAY-LL4148 Datasheet
292Kb / 5P
Small Signal Fast Switching Diodes
24-Mar-06
logo
Won-Top Electronics
LL4148 WTE-LL4148 Datasheet
32Kb / 3P
FAST SWITCHING DIODE
logo
Zowie Technology Corpor...
LL4148 ZOWIE-LL4148 Datasheet
43Kb / 2P
SILICON EPITAXIAL PLANAR DIODES
logo
Semtech Corporation
LL4148 SEMTECH-LL4148 Datasheet
219Kb / 4P
Silicon Expitaxial Planar Diode
logo
Shanghai Lunsure Electr...
LL4148 CHENYI-LL4148 Datasheet
162Kb / 3P
SMALL SIGNAL SWITCHING DIODE
More results

Similar Description - LL4148

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
1N4148WS-V SUNMATE-1N4148WS-V Datasheet
162Kb / 2P
150mA Surface Mount Small Signal Fast Switching Diode
1N4151WS-V SUNMATE-1N4151WS-V Datasheet
219Kb / 2P
150mA Surface Mount Small Signal Fast Switching Diode
1N4448WS-V SUNMATE-1N4448WS-V Datasheet
204Kb / 2P
150mA Surface Mount Small Signal Fast Switching Diode
LL4150 SUNMATE-LL4150 Datasheet
70Kb / 2P
150mA Surface Mount Fast Switching Diode
LL4151 SUNMATE-LL4151 Datasheet
84Kb / 2P
150mA Surface Mount Fast Switching Diode
LL4154 SUNMATE-LL4154 Datasheet
79Kb / 2P
150mA Surface Mount Fast Switching Diode
LS4148 SUNMATE-LS4148 Datasheet
120Kb / 2P
150mA Surface Mount Fast Switching Diode
MCL4148 SUNMATE-MCL4148 Datasheet
337Kb / 2P
150mA Surface Mount Fast Switching Diode
MCL4151 SUNMATE-MCL4151 Datasheet
277Kb / 2P
150mA Surface Mount Fast Switching Diode
MCL4154 SUNMATE-MCL4154 Datasheet
317Kb / 2P
150mA Surface Mount Fast Switching Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com