Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL4150 Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # LL4150
Description  150mA Surface Mount Fast Switching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

LL4150 Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  LL4150 Datasheet HTML 1Page - SUNMATE electronic Co., LTD LL4150 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Case: MiniMELF(SOD-80), Glass
Features
·
Ideal for Fast Logic Applications
·
Ultra Fast Switching
·
High Reliability
·
High Conductance
·
·
Terminals: Solderable per MIL-STD-202,
Method 208
·
Marking: Cathode Band Only
·
Polarity: Cathode Band
·
Weight: 0.05 grams (approx.)
Mechanical Data
MiniMELF
Dim
Min
Max
A
3.30
3.70
B
1.30
1.60
C
0.28
0.50
All Dimensions in mm
A
C
B
@ TA = 25
°C unless otherwise specified
Maximum Ratings and Electrical Characteristics
Symbol
Value
Unit
VRM
75
V
VR
50
V
Maximum Continuous Current
IF
200
mA
Maximum Average Forward Current
IF(AV)
150
mA
Maximum Surge Forward Current at t < 1s and Tj = 25
°C
IFSM
0.5
A
Maximum Power Dissipation
PD
500
mW
Maximum Repetitive Peak Forward Current
IFRM
600
mA
Thermal Resistance Junction to Ambient Air
(1)
RθJA
350
°C/W
Maximum Junction Temperature
TJ
175
°C
Storage Temperature Range
TS
-65 to + 175
°C
Parameter
Maximum Peak Reverse Voltage
Maximum Reverse Voltage
Parameter
Symbol
Min.
Typ.
Max.
Unit
IR
VR = 50 V
-
-
0.1
µA
VR = 50 V , Tj = 150 °C
-
-
100
µA
IF = 100 mA
-
-
0.92
IF = 200 mA
-
-
1.0
Diode Capacitance
Cd
-
-
2.5
pF
IF = 10 mA to 200 mA
to IR = 10 mA to 200 mA;
RL = 100 Ω ; measured
at IR = 0.1x IF
V
Test Condition
VF
f = 1MHz ; VR = 0
Reverse Recovery Time
Trr
ns
4
-
-
Reverse Current
Forward Voltage
LL4150
150mA Surface Mount Fast Switching Diode
1of2


Similar Part No. - LL4150

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LL4150 VISHAY-LL4150 Datasheet
94Kb / 5P
Silicon Epitaxial Planar Diodes
06-Apr-04
logo
Diodes Incorporated
LL4150 DIODES-LL4150 Datasheet
50Kb / 1P
SURFACE MOUNT FAST SWITCHING DIODE
DS30069 Rev. C-2
logo
Formosa MS
LL4150 FORMOSA-LL4150 Datasheet
63Kb / 2P
High-speed switching diode
logo
General Semiconductor
LL4150 GE-LL4150 Datasheet
29Kb / 1P
Small Signal Diodes
logo
Microsemi Corporation
LL4150 MICROSEMI-LL4150 Datasheet
66Kb / 1P
MINI-MELF-SMD Silicon Diode
More results

Similar Description - LL4150

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
1N4148WS-V SUNMATE-1N4148WS-V Datasheet
162Kb / 2P
150mA Surface Mount Small Signal Fast Switching Diode
1N4151WS-V SUNMATE-1N4151WS-V Datasheet
219Kb / 2P
150mA Surface Mount Small Signal Fast Switching Diode
1N4448WS-V SUNMATE-1N4448WS-V Datasheet
204Kb / 2P
150mA Surface Mount Small Signal Fast Switching Diode
LL4148 SUNMATE-LL4148 Datasheet
77Kb / 2P
150mA Surface Mount Fast Switching Diode
LL4151 SUNMATE-LL4151 Datasheet
84Kb / 2P
150mA Surface Mount Fast Switching Diode
LL4154 SUNMATE-LL4154 Datasheet
79Kb / 2P
150mA Surface Mount Fast Switching Diode
LS4148 SUNMATE-LS4148 Datasheet
120Kb / 2P
150mA Surface Mount Fast Switching Diode
MCL4148 SUNMATE-MCL4148 Datasheet
337Kb / 2P
150mA Surface Mount Fast Switching Diode
MCL4151 SUNMATE-MCL4151 Datasheet
277Kb / 2P
150mA Surface Mount Fast Switching Diode
MCL4154 SUNMATE-MCL4154 Datasheet
317Kb / 2P
150mA Surface Mount Fast Switching Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com