Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL4151 Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # LL4151
Description  150mA Surface Mount Fast Switching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

LL4151 Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  LL4151 Datasheet HTML 1Page - SUNMATE electronic Co., LTD LL4151 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LL4151
Features
·
·
·
·
·
·
Mechanical Data
MiniMELF
Dim
Min
Max
A
3.30
3.70
B
1.30
1.60
C
0.28
0.50
All Dimensions in mm
A
C
B
@ TA = 25
°C unless otherwise specified
Maximum Ratings and Electrical Characteristics
150mA Surface Mount Fast Switching Diode
1of2
High switching speed: max. 4 ns
Reverse voltage:max. 50 V
Peak reverse voltage:max. 75 V
Pb / RoHS Free
Case: MiniMELF Glass Case (SOD-80)
Weight: approx. 0.05g
Symbol
Value
Unit
VRM
75
V
VR
50
V
Maximum Continuous Current
IF
200
V
Maximum Average Forward Current
Half Wave Rectification with Resistive Load , f
≥ 50Hz (1)
Maximum Surge Forward Current at t < 1s, Tj = 25
°C
IFSM
0.5
A
Maximum Power Dissipation
(1)
PD
500
mW
Thermal Resistance Junction to Ambient Air
(1)
RθJA
350
°C/W
Maximum Junction Temperature
TJ
175
°C
Storage Temperature Range
TS
-65 to + 175
°C
Note: (1) Valid provided that electrodes are kept at ambient temperature
Parameter
Maximum Peak Reverse Voltage
Maximum Reverse Voltage
IF(AV)
150
mA
Parameter
Symbol
Min
Typ
Max
Unit
IR
VR = 50 V
-
-
0.05
µA
VR = 50 V , Tj = 150 °C
-
-
50
µA
Forward Voltage
VF
IF = 50 mA
-
-
1.0
V
Diode Capacitance
Cd
-
-
2.5
pF
IF = 10 mA to IR = 10mA
to IR = 1mA, RL = 100Ω
Reverse Recovery Time
Trr
Reverse Current
ns
4
f = 1MHz ; VR = 0
-
-
Test Condition


Similar Part No. - LL4151

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LL4151 VISHAY-LL4151 Datasheet
51Kb / 4P
Silicon Epitaxial Planar Diodes
01-Apr-99
logo
Shanghai Lunsure Electr...
LL4151 CHENYI-LL4151 Datasheet
170Kb / 3P
SMALL SIGNAL SWITCHING DIODE
logo
Diodes Incorporated
LL4151 DIODES-LL4151 Datasheet
49Kb / 1P
SURFACE MOUNT FAST SWITCHING DIODE
DS30070 Rev. B-2
logo
General Semiconductor
LL4151 GE-LL4151 Datasheet
146Kb / 4P
Small Signal Diodes
logo
Diotec Semiconductor
LL4151 DIOTEC-LL4151 Datasheet
172Kb / 2P
Surface Mount Silicon Planar Diodes
More results

Similar Description - LL4151

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
1N4148WS-V SUNMATE-1N4148WS-V Datasheet
162Kb / 2P
150mA Surface Mount Small Signal Fast Switching Diode
1N4151WS-V SUNMATE-1N4151WS-V Datasheet
219Kb / 2P
150mA Surface Mount Small Signal Fast Switching Diode
1N4448WS-V SUNMATE-1N4448WS-V Datasheet
204Kb / 2P
150mA Surface Mount Small Signal Fast Switching Diode
LL4148 SUNMATE-LL4148 Datasheet
77Kb / 2P
150mA Surface Mount Fast Switching Diode
LL4150 SUNMATE-LL4150 Datasheet
70Kb / 2P
150mA Surface Mount Fast Switching Diode
LL4154 SUNMATE-LL4154 Datasheet
79Kb / 2P
150mA Surface Mount Fast Switching Diode
LS4148 SUNMATE-LS4148 Datasheet
120Kb / 2P
150mA Surface Mount Fast Switching Diode
MCL4148 SUNMATE-MCL4148 Datasheet
337Kb / 2P
150mA Surface Mount Fast Switching Diode
MCL4151 SUNMATE-MCL4151 Datasheet
277Kb / 2P
150mA Surface Mount Fast Switching Diode
MCL4154 SUNMATE-MCL4154 Datasheet
317Kb / 2P
150mA Surface Mount Fast Switching Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com