Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25TTS08STRR Datasheet(PDF) 2 Page - International Rectifier

Part # 25TTS08STRR
Description  SURFACE MOUNTABLE PHASE CONTROL SCR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

25TTS08STRR Datasheet(HTML) 2 Page - International Rectifier

  25TTS08STRR Datasheet HTML 1Page - International Rectifier 25TTS08STRR Datasheet HTML 2Page - International Rectifier 25TTS08STRR Datasheet HTML 3Page - International Rectifier 25TTS08STRR Datasheet HTML 4Page - International Rectifier 25TTS08STRR Datasheet HTML 5Page - International Rectifier 25TTS08STRR Datasheet HTML 6Page - International Rectifier 25TTS08STRR Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
25TTS.. S Series
Part Number
V
RRM
, maximum
V
DRM
, maximum
I
RRM/
I
DRM
peak reverse voltage
peak direct voltage
125°C
VV
mA
25TTS08S
800
800
5
25TTS12S
1200
1200
Voltage Ratings
I
T(AV)
Max. Average On-state Current
16
A
50% duty cycle @ T
C
= 94° C, sinusoidal wave form
I
RMS
Max. RMS On-state Current
25
I
TSM
Max. Peak One Cycle Non-Repetitive
210
10ms Sine pulse, rated V
RRMapplied
Surge Current
250
10ms Sine pulse, no voltage reapplied
I
2t
Max. I
2t for fusing
220
A
2s
10ms Sine pulse, rated V
RRM
applied
310
10ms Sine pulse, no voltage reapplied
I
2
√t Max. I2√t for fusing
3100
A
2
√s
t = 0.1 to 10ms, no voltage reapplied
V
TM
Max. On-state Voltage Drop
1.25
V
@ 16A, T
J
= 25°C
r
t
On-state slope resistance
12.0
m
Ω
T
J
= 125°C
VT(TO) Threshold Voltage
1.0
V
I
RM
/I
DM
Max.Reverse and Direct
0.5
mA
T
J
= 25 °C
Leakage Current
5.0
TJ = 125 °C
I
H
Max. Holding Current
100
mA
Anode Supply = 6V, Resistive load, Initial I
T
=1A
I
L
Max. Latching Current
200
mA
Anode Supply = 6V, Resistive load
dv/dt Max. rate of rise of off-state Voltage
500
V/µs
di/dt
Max. rate of rise of turned-on Current
150
A/µs
Absolute Maximum Ratings
Parameters
25TTS..S
Units
Conditions
V
R
= rated V
RRM
/ V
DRM
To Order
Next Data Sheet
Index
Previous Datasheet



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com