Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

30EPF06 Datasheet(PDF) 1 Page - International Rectifier

Part # 30EPF06
Description  FAST SOFT RECOVERY RECTIFIER DIODE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

30EPF06 Datasheet(HTML) 1 Page - International Rectifier

  30EPF06 Datasheet HTML 1Page - International Rectifier 30EPF06 Datasheet HTML 2Page - International Rectifier 30EPF06 Datasheet HTML 3Page - International Rectifier 30EPF06 Datasheet HTML 4Page - International Rectifier 30EPF06 Datasheet HTML 5Page - International Rectifier 30EPF06 Datasheet HTML 6Page - International Rectifier 30EPF06 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
FAST SOFT RECOVERY
RECTIFIER DIODE
1
Bulletin I2118 rev. B 07/97
QUIETIR Series
30EPF.. 30CPF..
V
F
< 1.2V @ 10A
t
rr
= 60ns
V
RRM 200 to 600V
Major Ratings and Characteristics
I
F(AV)
Sinusoidalwaveform
30
A
V
RRM
200 to 600
V
I
FSM
350
A
V
F
@ 10 A, T
J
= 25°C
1.2
V
trr
@ 1A, 100A/µs
60
ns
T
J
-40to150
°C
Description/Features
The 30EPF.. & 30CPF.. soft recovery
QUIETIR
rectifier series has been optimized for combined
short reverse recovery time and low forward voltage
drop.
The glass passivation ensures stable reliable
operation in the most severe temperature and power
cycling conditions.
Typical applications are:
Output rectification and freewheeling in
inverters, choppers and converters
and input rectifications where severe
restrictions on conducted EMI should be met.
30CPF series is a drop in replacement
for 25CPF Series (parallel connection only)
Characteristics
30EPF..
Units
30CPF..
TO-247AC (Modified)
30CPF..
30EPF..
Package Outline


Similar Part No. - 30EPF06

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
30EPF06 VISHAY-30EPF06 Datasheet
241Kb / 7P
Fast Soft Recovery Rectifier Diode, 30 A
12-Jun-08
logo
Inchange Semiconductor ...
30EPF06 ISC-30EPF06 Datasheet
284Kb / 2P
Soft Fast Recovery Diode
logo
Vishay Siliconix
30EPF06-1 VISHAY-30EPF06-1 Datasheet
262Kb / 7P
Fast Soft Recovery Rectifier Diode, 30 A
09-Dec-09
30EPF06-1PBF VISHAY-30EPF06-1PBF Datasheet
262Kb / 7P
Fast Soft Recovery Rectifier Diode, 30 A
09-Dec-09
logo
International Rectifier
30EPF06PBF IRF-30EPF06PBF Datasheet
212Kb / 8P
FAST SOFT RECOVERY RECTIFIER DIODE
More results

Similar Description - 30EPF06

ManufacturerPart #DatasheetDescription
logo
International Rectifier
60EPF06 IRF-60EPF06 Datasheet
149Kb / 8P
FAST SOFT RECOVERY RECTIFIER DIODE
85EPF IRF-85EPF Datasheet
144Kb / 7P
FAST SOFT RECOVERY RECTIFIER DIODE
20ETF02 IRF-20ETF02 Datasheet
196Kb / 7P
FAST SOFT RECOVERY RECTIFIER DIODE
80EPF10 IRF-80EPF10 Datasheet
175Kb / 7P
FAST SOFT RECOVERY RECTIFIER DIODE
85EPF02 IRF-85EPF02 Datasheet
142Kb / 7P
FAST SOFT RECOVERY RECTIFIER DIODE
10ETF10FP IRF-10ETF10FP Datasheet
179Kb / 7P
FAST SOFT RECOVERY RECTIFIER DIODE
10ETF06SPBF IRF-10ETF06SPBF Datasheet
229Kb / 8P
FAST SOFT RECOVERY RECTIFIER DIODE
30EPF06PBF IRF-30EPF06PBF Datasheet
212Kb / 8P
FAST SOFT RECOVERY RECTIFIER DIODE
logo
Inchange Semiconductor ...
10ETF02S ISC-10ETF02S Datasheet
265Kb / 2P
Fast Soft Recovery Rectifier Diode
10ETF12 ISC-10ETF12 Datasheet
263Kb / 2P
Fast Soft Recovery Rectifier Diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com