Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECO650LCD Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # ECO650LCD
Description  ECO Series 120V 650VA 325W Energy-Saving Standby UPS with USB port, LCD Display and 8 Outlets
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

ECO650LCD Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  ECO650LCD Datasheet HTML 1Page - Tripp Lite. All Rights Reserved ECO650LCD Datasheet HTML 2Page - Tripp Lite. All Rights Reserved ECO650LCD Datasheet HTML 3Page - Tripp Lite. All Rights Reserved ECO650LCD Datasheet HTML 4Page - Tripp Lite. All Rights Reserved ECO650LCD Datasheet HTML 5Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
feature, permanent alarm silence, LCD brightness, information display scroll functions and UPS self-test operation
Set of 3 optional ECO outlets automatically power off unnecessary computer accessories like a printer, scanner and audio speakers three minutes after
computer enters sleep or shutdown mode
Full load efficiency rating of 99% saves energy and ensures cool operating temperatures
ECO650LCD emits only 17 BTU/hr. and consumes less than 4 watts once the battery is charged
Eco-friendly design meets strict RoHS (Restriction of Hazardous Substances) environmental standards
650VA / 325 watts provides battery-derived AC output during power failures and severe voltage fluctuations to support a 100w entry level PC with small
monitor for up to 10 minutes
Ultra compact UPS supports a variety of placement options for desktop or wall mount installation
Includes 4 UPS supported outlets for computer, monitor and two additional vital system peripherals requiring continuous power
Includes 4 Surge-only outlets for accessories not requiring battery support
Three of the Surge-only outlets are designated ECO outlets that can be configured to automatically power-off three minutes the connected computer
enters low power standby or shutdown mode
USB port monitors computer power status for ECO power savings and enables direct integration with built-in power management and auto-shutdown
features of Windows and Mac OS X
PowerAlert software is also available via free download from www.tripplite.com to provide advanced auto-shutdown, UPS monitoring and data saving
options
Single line RJ11 phone suppression jacks protect modem, fax machine, cordless phone or other accessories from surges on dial-up/DSL phone
connections
USB cable included
Space-saving right angle input plug
Optional PDUB15 bypass PDU enables hot-swappable UPS replacement with no disruption to connected equipment
$100,000 connected equipment insurance (USA, Puerto Rico and Canada only)
Specifications
OUTPUT
Output Volt Amp Capacity (VA)
650
Output Watt Capacity (Watts)
325
Nominal Output Voltage(s)
Supported
115V; 120V
Frequency Compatibility
60 Hz
Output Voltage Regulation (Battery
Mode)
115V (+/- 5%)
Output Receptacles
(8) 5-15R
UPS Output Receptacles (Surge
Suppression Only)
4 UPS outlets, 4 surge-only outlets
Hot-Swap PDU options
PDUB15 (2U / 8 5-15R outlets)
Output AC Waveform (AC Mode)
Sine wave
Output AC Waveform (Battery Mode)
PWM sine wave
INPUT
2 / 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com