Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPU165MF Datasheet(PDF) 3 Page - International Rectifier

Part # CPU165MF
Description  IGBT SIP MODULE Fast IGBT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

CPU165MF Datasheet(HTML) 3 Page - International Rectifier

  CPU165MF Datasheet HTML 1Page - International Rectifier CPU165MF Datasheet HTML 2Page - International Rectifier CPU165MF Datasheet HTML 3Page - International Rectifier CPU165MF Datasheet HTML 4Page - International Rectifier CPU165MF Datasheet HTML 5Page - International Rectifier CPU165MF Datasheet HTML 6Page - International Rectifier CPU165MF Datasheet HTML 7Page - International Rectifier CPU165MF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
C-135
Fig. 1 - RMS Current and Output Power, Synthesized Sine Wave
Fig. 2 - Typical Output Characteristics
Fig. 3 - Typical Transfer Characteristics
CPU165MF
0
1 0
2 0
3 0
0 .1
1
1 0
1 0 0
f, F re q u e n cy (kH z)
9 .3
6 .2
3 .1
0
S
T = 90°C
T = 125°C
Power Factor = 0.8
Modulation Depth = 0.8
V
= 60% of Rated Voltage
C
J
C C
1
1 0
1 0 0
1 0 0 0
0 .1
1
1 0
C E
V
, C o llector-to-E m itter V oltage (V )
T = 1 50 °C
T = 25 °C
J
J
V
= 15 V
2 0 µs P U L S E W ID TH
G E
1
1 0
1 0 0
1 0 0 0
5
1 0
1 5
2 0
V
, G a te -to -E m itte r V o lta g e (V )
G E
T = 2 5°C
T = 1 5 0°C
J
J
V
= 1 00 V
5µ s P U L S E W ID T H
C C
To Order
Next Data Sheet
Index
Previous Datasheet



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com