Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF43 Datasheet(PDF) 4 Page - Analog Devices

Part # REF43
Description  2.5 V Low Power Precision Voltage Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

REF43 Datasheet(HTML) 4 Page - Analog Devices

  REF43_15 Datasheet HTML 1Page - Analog Devices REF43_15 Datasheet HTML 2Page - Analog Devices REF43_15 Datasheet HTML 3Page - Analog Devices REF43_15 Datasheet HTML 4Page - Analog Devices REF43_15 Datasheet HTML 5Page - Analog Devices REF43_15 Datasheet HTML 6Page - Analog Devices REF43_15 Datasheet HTML 7Page - Analog Devices REF43_15 Datasheet HTML 8Page - Analog Devices REF43_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
REV. D
–4–
REF43
DICE CHARACTERISTICS
DIE SIZE 0.085
0.062 inch, 5270 sq. mils
(2.16
1.57 mm, 3.39 sq. mm)
2.
3.
4A.
4B.
5.
6A.
6B.
*PADS 4A AND 4B MUST BOTH BE BONDED TO GROUND.
‡VOUT FORCE AND SENSE ARE TYPICALLY BONDED
TOGETHER AT THE LOAD.
VIN
TEMPERATURE OUT
GROUND*
GROUND*
TRIM
VOUT FO2. VIN
VOUT SENSE‡



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com