Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INTERNET900TAA Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # INTERNET900TAA
Description  TAA-Compliant Internet Office 120V 900VA 480W Standby UPS, Ultra-Compact Desktop, USB port
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

INTERNET900TAA Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  INTERNET900TAA_15 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved INTERNET900TAA_15 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved INTERNET900TAA_15 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved INTERNET900TAA_15 Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
of connected equipment; ideal for unattended kiosk applications
Space-saving ultra-compact housing
Keyhole mounting flanges enable secure wallmount installation
Optional PDUB15 bypass PDU enables hot-swappable UPS replacement with no disruption to connected equipment
$100,000 Ultimate Lifetime Insurance protects connected equipment from surge damage (U.S., Canada, and Puerto Rico only)
Specifications
OUTPUT
Output Volt Amp Capacity (VA)
900
Output Watt Capacity (Watts)
480
Nominal Output Voltage(s)
Supported
115V; 120V
Frequency Compatibility
60 Hz
Output Voltage Regulation (Battery
Mode)
115V (+/- 5%)
Output Receptacles
(12) 5-15R
UPS Output Receptacles (Surge
Suppression Only)
6 UPS outlets, 6 surge-only outlets
Hot-Swap PDU options
PDUB15 (2U / 8 5-15R outlets)
Output AC Waveform (AC Mode)
Sine wave
Output AC Waveform (Battery Mode)
PWM sine wave
INPUT
Rated input current (Maximum Load)
10A
Nominal Input Voltage(s) Supported
120V AC
UPS Input Connection Type
5-15P
Input Circuit Breakers
10A
UPS Input Cord Length (ft.)
6
UPS Input Cord Length (m)
1.8
Recommended Electrical Service
15A 120V
Input Phase
Single-Phase
BATTERY
Half Load Runtime (min.)
8.6 min. (240w)
DC System Voltage (VDC)
12
LEDS ALARMS & SWITCHES
2 / 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com