Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INTERNET900U Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # INTERNET900U
Description  Internet Office 120V 900VA 480W Standby UPS,Ultra-Compact Desktop, USB port
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

INTERNET900U Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  INTERNET900U_15 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved INTERNET900U_15 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved INTERNET900U_15 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved INTERNET900U_15 Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Internet Office 120V 900VA 480W Standby UPS,
Ultra-Compact Desktop, USB port
MODEL NUMBER: INTERNET900U
Description
Tripp Lite's INTERNET900U standby UPS offers complete protection for PCs, workstations and other sensitive
electronics in an attractive, ultra-compact, mountable housing. Prevents data loss and system downtime by
providing battery-supported AC output during brownouts and blackouts. 12 widely spaced output receptacles
accommodate large transformer plugs without blocking outlets. 6 outlets provide full battery support and surge suppression for computers, monitors and other
vital system components. 6 additional surge suppression-only outlets are ideal for printers and other accessories not requiring battery support. Single-line
telephone suppression jacks protect directly connected modems, fax machines, cordless phones or other peripherals sharing a standard dialup or DSL phone
line connection. USB communications interface with PowerAlert monitoring software (via web download) and cabling enables a safe, unattended system
shutdown.
HID-compliant USB port also enables integration with built-in power management and auto shutdown features of Windows and Mac OS X . Audible alarm and
front panel LEDs offer status information regarding line and battery power operation. 900VA/480W power handling ability supports entry-level PCs for up to 45
min. during power failures. $100,000 Ultimate Lifetime Insurance (U.S., Canada, and Puerto Rico only).
Features
INTERNET900U standby UPS offers complete protection from blackouts, brownouts and surges on AC and tel/DSL dataline connections
12 widely spaced outlets accommodate large transformer plugs without blocking outlets
6 battery-supported outlets protect computers and vital system peripherals. 6 surge suppression-only outlets protect system accessories that do not
require battery support
Provides battery-derived AC output during blackouts and brownouts
900VA/480W power handling ability supports a variety of PCs, workstations and other sensitive electronics
Supports entry-level PC systems up to 45 min. during blackouts
Single-line tel/DSL surge suppression protects directly connected modems, fax machines or cordless phones sharing a single phone line connection
USB communications interface, FREE PowerAlert Software and cabling provide monitoring of site power conditions
HID-compliant USB port also enables integration with built-in power management and auto shutdown features of Windows and Mac OS X
Supports Tripp Lite's Watchdog system service to restore operation to locked equipment through soft reboot of application/OS or hard power off/on reboot
of connected equipment; ideal for unattended kiosk applications
Space-saving ultra-compact housing
Highlights
900VA ultra-compact 120V
standby UPS
Maintains AC output during power
failures
6 UPS battery supported outlets,
6 surge-only outlets
USB port, TEL/DSL protection,
Wall mountable, 99% efficient
NEMA 5-15P input plug and 12
NEMA 5-15R outlets
This product is ENERGY STAR
qualified for its ability to save
customers money while
helping to protect the
environment
Package Includes
INTERNET900U UPS system
USB cable
Instruction manual
1 / 4


Similar Part No. - INTERNET900U_15

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
INTERNET900U TRIPPLITE-INTERNET900U Datasheet
521Kb / 4P
Internet Office 900VA Ultra-compact Standby 120V UPS with USB port
More results

Similar Description - INTERNET900U_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
INTERNET350U ETC2-INTERNET350U Datasheet
499Kb / 6P
Internet Office 350VA Ultra-compact Standby 120V UPS with USB port
INTERNET550U ETC2-INTERNET550U Datasheet
523Kb / 6P
Internet Office 550VA Ultra-compact Standby 120V UPS with USB port
INTERNET750U ETC2-INTERNET750U Datasheet
510Kb / 6P
Internet Office 750VA Ultra-compact Standby 120V UPS with USB port
logo
Tripp Lite. All Rights ...
INTERNET350U TRIPPLITE-INTERNET350U Datasheet
497Kb / 4P
Internet Office 350VA Ultra-compact Standby 120V UPS with USB port
INTERNET600U TRIPPLITE-INTERNET600U Datasheet
521Kb / 4P
Internet Office 600VA Ultra-compact Standby 120V UPS with USB port
INTERNET750U TRIPPLITE-INTERNET750U Datasheet
508Kb / 4P
Internet Office 750VA Ultra-compact Standby 120V UPS with USB port
INTERNET900TAA TRIPPLITE-INTERNET900TAA Datasheet
524Kb / 4P
TAA Compliant Internet Office 900VA Ultra-compact Standby 120V UPS
INTERNET900U TRIPPLITE-INTERNET900U Datasheet
521Kb / 4P
Internet Office 900VA Ultra-compact Standby 120V UPS with USB port
INTERNET750U TRIPPLITE-INTERNET750U_15 Datasheet
508Kb / 4P
Internet Office 120V 750VA 450W Standby UPS,Ultra-Compact Desktop, USB port
INTERNET900TAA TRIPPLITE-INTERNET900TAA_15 Datasheet
525Kb / 4P
TAA-Compliant Internet Office 120V 900VA 480W Standby UPS, Ultra-Compact Desktop, USB port
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com