Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WPANT30087-R1A Datasheet(PDF) 1 Page - World Produts Inc.

Part # WPANT30087-R1A
Description  900 MHz ISM band Omni-directional Antenna
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

WPANT30087-R1A Datasheet(HTML) 1 Page - World Produts Inc.

  WPANT30087-R1A Datasheet HTML 1Page - World Produts Inc. WPANT30087-R1A Datasheet HTML 2Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev: 2.0
Created on: July 22, 2013
Created by: MKS
Approved by: BP
Page | 1
WPANT30087-R1A
900 MHz ISM band Omni-directional Antenna
Note: This is a physical drawing of the actual Antenna.
Description / Application
This is an Omni-directional Pole/Wall mount antenna that operates in the 900 – 960 MHz ISM / cellular band. It comes with a Type-N
male connector. The antenna is at DC ground to ensure protection against lightning.
We can assist your engineers to optimize mounting positions for these antennas in your specific application and can further
customize the antennas for your specific needs. Please contact sales@worldproducts.com with your specific application
requirements.
Electrical Properties
Operating Frequency
900 – 960 MHz
Approximate Antenna Impedance [
Ω]
50Ω
VSWR – Typical
< 2:1
Peak Gain [dBi] (Typical)
3 dBi
Polarization
Vertical
Pattern
Omni Directional
Accepted Power [W] (Max)
50 Watts
Lightning Protection
DC ground
Mechanical / Environmental Properties
Antenna Dimensions
13.8’’ Height X 0.8’’ (Dia)
(350mm X 20mm)
Antenna Color
White
Connector
Type-N Male
Antenna Radome
Fiberglass
Operating / Storage Temperature
-40
oC to +90oC
Environmental
Meets standards for UL 94V-0
Hazardous Materials
RoHS Compliant


Similar Part No. - WPANT30087-R1A

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANT30081-R1A WPI-WPANT30081-R1A Datasheet
79Kb / 2P
2.4 GHz Wi-Fi Stubby Antenna
WPANT30083-R2A WPI-WPANT30083-R2A Datasheet
69Kb / 2P
2.4 GHz Wi-Fi Omni-Directional Antenna
WPANT30086-S3A WPI-WPANT30086-S3A Datasheet
183Kb / 3P
2.45 GHz Wi-Fi Body-mount Antenna
WPANT30088-S1A WPI-WPANT30088-S1A Datasheet
179Kb / 3P
ISM Dual-band Body-mount Antenna
WPANT30088-S1A WPI-WPANT30088-S1A_15 Datasheet
177Kb / 3P
ISM Dual-band Body-mount Antenna
More results

Similar Description - WPANT30087-R1A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OMB868B05F21 ETC2-OMB868B05F21 Datasheet
395Kb / 9P
5dBi 868MHz ISM Band Indoor/Outdoor Omni-Directional Antenna
OMB915B03F21 ETC2-OMB915B03F21 Datasheet
411Kb / 9P
3.5dBi 915MHz ISM Band Indoor/Outdoor Omni-Directional Antenna
logo
World Produts Inc.
WPANT30048-R2A WPI-WPANT30048-R2A Datasheet
110Kb / 3P
900 MHz GSM Omni-Directional Antenna
WPANT30048-RA WPI-WPANT30048-RA Datasheet
68Kb / 2P
900 MHz GSM Omni-Directional Antenna
WPANT30104-S1B WPI-WPANT30104-S1B Datasheet
103Kb / 3P
900 MHz ISM band Omni-Directional Antenna
WPANTDP036 WPI-WPANTDP036 Datasheet
864Kb / 8P
WPANTDP036 Antenna is a 915 MHz ISM band Omni Directional Stubby Antenna
WPANTDP092-R1A WPI-WPANTDP092-R1A Datasheet
68Kb / 2P
900 MHz ISM band Directional Panel Antenna
WPANT30115 WPI-WPANT30115 Datasheet
115Kb / 3P
900 MHz ISM band Omni-directional Antenna
WPANT30148 WPI-WPANT30148 Datasheet
117Kb / 3P
900 MHz ISM Band Whip / Stubby Antenna
logo
PHOENIX CONTACT
2867199 PHOENIX-2867199 Datasheet
49Kb / 2P
Antenna - RAD-ISM-900-ANT-OMNI-5
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com