Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WPANT30093-R1A Datasheet(PDF) 1 Page - World Produts Inc.

Part # WPANT30093-R1A
Description  Wi-Fi Dual-band Directional Panel Antenna
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

WPANT30093-R1A Datasheet(HTML) 1 Page - World Produts Inc.

  WPANT30093-R1A Datasheet HTML 1Page - World Produts Inc. WPANT30093-R1A Datasheet HTML 2Page - World Produts Inc. WPANT30093-R1A Datasheet HTML 3Page - World Produts Inc. WPANT30093-R1A Datasheet HTML 4Page - World Produts Inc. WPANT30093-R1A Datasheet HTML 5Page - World Produts Inc. WPANT30093-R1A Datasheet HTML 6Page - World Produts Inc. WPANT30093-R1A Datasheet HTML 7Page - World Produts Inc. WPANT30093-R1A Datasheet HTML 8Page - World Produts Inc. WPANT30093-R1A Datasheet HTML 9Page - World Produts Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Rev: 4.0
Created on: July 23, 2013
Created by: MKS
Approved by: BP
Page | 1
WPANT30093-R1A
Wi-Fi Dual-band Directional Panel Antenna
Description / Application
This is a 2.4 GHz and 5 GHz Wi-Fi / WLAN Directional Panel antenna. It comes with Type-N female connectors and mounting
brackets for installation. The antenna is at DC ground to ensure protection against lightning.
We can assist your engineers to optimize mounting positions for these antennas in your applications and can further customize the
antennas for your specific needs. Please contact sales@worldproducts.com with your specific application requirements.
Electrical Properties
Operating Frequency
2.4 – 2.5 GHz
4.9 – 5.9 GHz
Approximate Antenna Impedance [
Ω]
50Ω
50Ω
VSWR – Typical
< 2:1
< 2:1
Peak Gain [dBi] (Typical)
10 dBi
13 dBi
Polarization
Vertical or Horizontal
Vertical or Horizontal
Pattern
Directional
Directional
Accepted Power [W] (Max)
100 Watts
Lightning Protection
DC ground
Mechanical / Environmental Properties
Antenna Dimensions
8.94’’ X 8.94’’ X 1.38’’
(227mm X 227mm X 35mm)
Antenna Color
Grey
Connector
Type-N Female
Antenna Radome
Polycarbonate
Operating / Storage Temperature
-40
oC to +90oC
Environmental
Meets standards for UL 94V-0
Hazardous Materials
RoHS Compliant


Similar Part No. - WPANT30093-R1A

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANT30091-R1A WPI-WPANT30091-R1A Datasheet
76Kb / 2P
2.4 GHz Wi-Fi Stubby Antenna
WPANT30092-R1A WPI-WPANT30092-R1A Datasheet
68Kb / 2P
5.5 GHz Wi-Fi Directional Panel Antenna
WPANT30094-R1A WPI-WPANT30094-R1A Datasheet
68Kb / 2P
Wi-Fi Dual-band Stubby Antenna
WPANT30096-R1A WPI-WPANT30096-R1A Datasheet
65Kb / 2P
2.4 GHz Wi-Fi Omni-Directional Antenna
More results

Similar Description - WPANT30093-R1A

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANT10008-SA WPI-WPANT10008-SA Datasheet
233Kb / 5P
Dual-band Wi-Fi Embedded Antenna
WPANT30055-RA WPI-WPANT30055-RA Datasheet
81Kb / 2P
5.6 GHz Wi-Fi Directional Panel Antenna
WPANT30056-RA WPI-WPANT30056-RA Datasheet
76Kb / 2P
5.8 GHz Wi-Fi Directional Panel Antenna
WPANT30092-R1A WPI-WPANT30092-R1A Datasheet
68Kb / 2P
5.5 GHz Wi-Fi Directional Panel Antenna
WPANT30094-R1A WPI-WPANT30094-R1A Datasheet
68Kb / 2P
Wi-Fi Dual-band Stubby Antenna
WPANT10050 WPI-WPANT10050 Datasheet
151Kb / 3P
Dual-band Wi-Fi Embedded Antenna
WPANT10062 WPI-WPANT10062 Datasheet
78Kb / 2P
Dual-band Wi-Fi / WLAN Antenna
WPANT10064 WPI-WPANT10064 Datasheet
86Kb / 2P
Dual-band Wi-Fi / WLAN Antenna
WPANT30121 WPI-WPANT30121 Datasheet
340Kb / 6P
MIMO Panel Antenna ??Dual-band Wi-Fi
WPANT30127 WPI-WPANT30127 Datasheet
63Kb / 2P
Omni-directional Antenna ??Wi-Fi / WLAN Dual-band
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com