Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WPANT30094-R1A Datasheet(PDF) 1 Page - World Produts Inc.

Part # WPANT30094-R1A
Description  Wi-Fi Dual-band Stubby Antenna
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

WPANT30094-R1A Datasheet(HTML) 1 Page - World Produts Inc.

  WPANT30094-R1A Datasheet HTML 1Page - World Produts Inc. WPANT30094-R1A Datasheet HTML 2Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev: 2.0
Created on: July 23, 2013
Created by: MKS
Approved by: BP
Page | 1
WPANT30094-R1A
Wi-Fi Dual-band Stubby Antenna
Description / Application
This is a Dual-band Wi-Fi / WLAN Stubby Omnidirectional antenna. It is typically used for Mobile solutions, Telematics, Man to
Machine (M2M), Security and Electronic Point-of-Sale. It comes with a RP - SMA male connector.
We can assist your engineers to optimize mounting positions for these antennas in your specific application and can further
customize the antennas for your specific needs. Please contact sales@worldproducts.com with your specific application
requirements.
Electrical Properties
Operating Frequency
2.4 – 2.5 GHz
4.9 – 5.9 GHz
Approximate Antenna Impedance [
Ω]
50Ω
50Ω
VSWR – Typical
< 2:1
< 2:1
Peak Gain [dBi] (Typical)
2 dBi
4 dBi
Polarization
Vertical
Vertical
Pattern
Omni-directional
Omni-directional
Accepted Power [W] (Max)
50 Watts
50 Watts
Mechanical / Environmental Properties
Antenna Dimensions
3.78’’ (Height) X 0.4’’ (Dia)
(96mm X 10mm)
Antenna Color
Beige
Connector
Reverse Polarity SMA Male
Antenna Radome
Plastic
Operating / Storage Temperature
-40
oC to +90oC
Environmental
Meets standards for UL 94V-0
Hazardous Materials
RoHS Compliant


Similar Part No. - WPANT30094-R1A

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANT30091-R1A WPI-WPANT30091-R1A Datasheet
76Kb / 2P
2.4 GHz Wi-Fi Stubby Antenna
WPANT30092-R1A WPI-WPANT30092-R1A Datasheet
68Kb / 2P
5.5 GHz Wi-Fi Directional Panel Antenna
WPANT30093-R1A WPI-WPANT30093-R1A Datasheet
410Kb / 14P
Wi-Fi Dual-band Directional Panel Antenna
WPANT30096-R1A WPI-WPANT30096-R1A Datasheet
65Kb / 2P
2.4 GHz Wi-Fi Omni-Directional Antenna
More results

Similar Description - WPANT30094-R1A

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANT30005-SA WPI-WPANT30005-SA Datasheet
251Kb / 4P
2.4 GHz Wi-Fi Stubby Antenna
WPANT30033-R2A WPI-WPANT30033-R2A Datasheet
78Kb / 2P
2.4 GHz Wi-Fi Stubby Antenna
WPANT30035-RA WPI-WPANT30035-RA Datasheet
95Kb / 2P
2.4 GHz Wi-Fi Stubby Antenna
WPANT30071-RA WPI-WPANT30071-RA Datasheet
139Kb / 2P
Wi-Fi Dual-band Stubby Antenna
WPANT30081-R1A WPI-WPANT30081-R1A Datasheet
79Kb / 2P
2.4 GHz Wi-Fi Stubby Antenna
WPANT30091-R1A WPI-WPANT30091-R1A Datasheet
76Kb / 2P
2.4 GHz Wi-Fi Stubby Antenna
WPANTDP053 WPI-WPANTDP053 Datasheet
135Kb / 2P
2.4 GHz Wi-Fi Stubby Antenna
WPANT30005-SA WPI-WPANT30005-SA_15 Datasheet
248Kb / 4P
2.4 GHz Wi-Fi Stubby Antenna
WPANT30033-R2A WPI-WPANT30033-R2A_15 Datasheet
76Kb / 2P
2.4 GHz Wi-Fi Stubby Antenna
WPANT30124 WPI-WPANT30124 Datasheet
88Kb / 2P
2.4 GHz Wi-Fi Stubby Antenna
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com