Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WPANT30096-R1A Datasheet(PDF) 1 Page - World Produts Inc.

Part # WPANT30096-R1A
Description  2.4 GHz Wi-Fi Omni-Directional Antenna
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

WPANT30096-R1A Datasheet(HTML) 1 Page - World Produts Inc.

  WPANT30096-R1A Datasheet HTML 1Page - World Produts Inc. WPANT30096-R1A Datasheet HTML 2Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev: 2.0
Created on: July 23, 2013
Created by: MKS
Approved by: BP
Page | 1
WPANT30096-R1A
2.4 GHz Wi-Fi Omni-Directional Antenna
Description / Application
This is a 6 dBi Omni-directional antenna that operates in the 2.4 GHz Wi-Fi / WLAN band. It comes with a Type-N Male connector.
The antenna is at DC ground to ensure protection against lightning.
We can assist your engineers to optimize mounting positions for these antennas in your specific application and can further
customize the antennas for your specific needs. Please contact sales@worldproducts.com with your specific application
requirements.
Electrical Properties
Operating Frequency
2.4 – 2.5 GHz
Approximate Antenna Impedance [
Ω] 50
Ω
VSWR – Typical
< 2:1
Peak Gain [dBi] (Typical)
6 dBi
Polarization
Vertical
Pattern
Omni-Directional
Accepted Power [W] (Max)
100 Watts
Lightning Protection
DC ground
Mechanical / Environmental Properties
Antenna Dimensions
11.6’’ (Height) X 0.94’’ (Dia)
(295mm X 24mm)
Antenna Color
White
Connector
Type-N Male
Antenna Radome
Polycarbonate
Operating / Storage Temperature
-40
oC to +90oC
Environmental
Meets standards for UL 94V-0
Hazardous Materials
RoHS Compliant


Similar Part No. - WPANT30096-R1A

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANT30091-R1A WPI-WPANT30091-R1A Datasheet
76Kb / 2P
2.4 GHz Wi-Fi Stubby Antenna
WPANT30092-R1A WPI-WPANT30092-R1A Datasheet
68Kb / 2P
5.5 GHz Wi-Fi Directional Panel Antenna
WPANT30093-R1A WPI-WPANT30093-R1A Datasheet
410Kb / 14P
Wi-Fi Dual-band Directional Panel Antenna
WPANT30094-R1A WPI-WPANT30094-R1A Datasheet
68Kb / 2P
Wi-Fi Dual-band Stubby Antenna
More results

Similar Description - WPANT30096-R1A

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANT10048-S1C WPI-WPANT10048-S1C Datasheet
109Kb / 2P
2.4 GHz Wi-Fi Embedded Antenna
WPANT30005-SA WPI-WPANT30005-SA Datasheet
251Kb / 4P
2.4 GHz Wi-Fi Stubby Antenna
WPANT30033-R2A WPI-WPANT30033-R2A Datasheet
78Kb / 2P
2.4 GHz Wi-Fi Stubby Antenna
WPANT30035-RA WPI-WPANT30035-RA Datasheet
95Kb / 2P
2.4 GHz Wi-Fi Stubby Antenna
WPANT30051-RA WPI-WPANT30051-RA Datasheet
132Kb / 2P
2.4 GHz Wi-Fi Directional Paraboloid Antenna
WPANT30059-RA WPI-WPANT30059-RA Datasheet
69Kb / 2P
2.4 GHz Wi-Fi Omni-Directional Antenna
WPANT30081-R1A WPI-WPANT30081-R1A Datasheet
79Kb / 2P
2.4 GHz Wi-Fi Stubby Antenna
WPANT30083-R2A WPI-WPANT30083-R2A Datasheet
69Kb / 2P
2.4 GHz Wi-Fi Omni-Directional Antenna
WPANT30005-SA WPI-WPANT30005-SA_15 Datasheet
248Kb / 4P
2.4 GHz Wi-Fi Stubby Antenna
WPANT30150 WPI-WPANT30150 Datasheet
112Kb / 3P
2.4 GHz Wi-Fi Omni-directional Antenna
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com