Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WPANTDP087-R1A Datasheet(PDF) 1 Page - World Produts Inc.

Part # WPANTDP087-R1A
Description  This is a high gain Directional Panel antenna that operates in the 5.8 GHz Wi-Fi / WLAN band
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

WPANTDP087-R1A Datasheet(HTML) 1 Page - World Produts Inc.

  WPANTDP087-R1A Datasheet HTML 1Page - World Produts Inc. WPANTDP087-R1A Datasheet HTML 2Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev: 1.0
Created on: April 22, 2013
Created by: MKS
Approved by: BP
P age | 1
WPANTDP087-R1A
5.8 GHz Wi-Fi / WLAN Directional Panel Antenna
Picture of the Antenna
Description / Application
This is a high gain Directional Panel antenna that operates in the 5.8 GHz Wi-Fi / WLAN band. It can be configured with different
connector styles. This antenna is at DC ground for lightning protection.
WP Wireless can assist your engineers to optimize mounting positions for these antennas in your specific application and can further
assist to trouble shoot system integration issues such as TRP/TIS and FCC requirements. WP Wireless specializes in developing
customized Antenna solutions. Please contact sales@wp-wireless.com with your specific application requirements.
Electrical Properties
Operating Frequency
5.725 – 5.850 GHz
Approximate Antenna Impedance [
Ω]
50Ω
VSWR - Typical
< 2:1
Peak Gain [dBi] (Typical)
~ 16 dBi
Polarization
Right Hand Circular Polarization (RHCP)
Pattern
Directional (> 20 dB F/B Ratio)
Accepted Power [W] (Max)
100 Watts
Lightning Protection
DC ground
Mechanical / Environmental Properties
Antenna Dimensions
7.9’’ X 7.9’’ X 0.60’’ (L X W X H)
Antenna Color
White
Radome Material
Polyamide
Connector
N-type Female
Operating / Storage Temperature
-40
oC to +90oC
Environmental
Meets standards for UL 94V-0
Hazardous Materials
RoHS Compliant


Similar Part No. - WPANTDP087-R1A

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANTDP081-S2C WPI-WPANTDP081-S2C Datasheet
193Kb / 6P
870 / 915 MHz, 2.4 GHz & 5.6 GHz Combo True-Omni
WPANTDP082-S1A WPI-WPANTDP082-S1A Datasheet
112Kb / 2P
This is a Wideband, Outdoor rated antenna that operates in the 870 / 915 MHz ISM band
WPANTDP084-R1A WPI-WPANTDP084-R1A Datasheet
88Kb / 2P
This is a high gain MIMO Panel antenna that operates in the 2.5 GHz LTE band
WPANTDP085-R1A WPI-WPANTDP085-R1A Datasheet
88Kb / 2P
This is a high gain MIMO Panel antenna that operates in the 3.5 GHz WiMAX band
WPANTDP086-R1A WPI-WPANTDP086-R1A Datasheet
88Kb / 2P
This is a high gain MIMO Panel antenna that operates in the 5.5 GHz Wi-Fi / WLAN band
More results

Similar Description - WPANTDP087-R1A

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANT30056-RA WPI-WPANT30056-RA Datasheet
76Kb / 2P
5.8 GHz Wi-Fi Directional Panel Antenna
WPANT30093-R1A WPI-WPANT30093-R1A Datasheet
410Kb / 14P
Wi-Fi Dual-band Directional Panel Antenna
WPANTDP084-R1A WPI-WPANTDP084-R1A Datasheet
88Kb / 2P
This is a high gain MIMO Panel antenna that operates in the 2.5 GHz LTE band
WPANTDP085-R1A WPI-WPANTDP085-R1A Datasheet
88Kb / 2P
This is a high gain MIMO Panel antenna that operates in the 3.5 GHz WiMAX band
WPANTDP086-R1A WPI-WPANTDP086-R1A Datasheet
88Kb / 2P
This is a high gain MIMO Panel antenna that operates in the 5.5 GHz Wi-Fi / WLAN band
WPANTDP088-R1A WPI-WPANTDP088-R1A Datasheet
74Kb / 2P
This is a high gain MIMO Panel antenna that operates in the 2.6 GHz WiMAX band
WPANTDP089-R1A WPI-WPANTDP089-R1A Datasheet
74Kb / 2P
This is a high gain 2x4 MIMO Panel antenna that operates in the 2.6 GHz WiMAX band
WPANT10062 WPI-WPANT10062 Datasheet
78Kb / 2P
Dual-band Wi-Fi / WLAN Antenna
WPANT10064 WPI-WPANT10064 Datasheet
86Kb / 2P
Dual-band Wi-Fi / WLAN Antenna
WPANT30127 WPI-WPANT30127 Datasheet
63Kb / 2P
Omni-directional Antenna ??Wi-Fi / WLAN Dual-band
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com