Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WPANTDP092-R1A Datasheet(PDF) 1 Page - World Produts Inc.

Part # WPANTDP092-R1A
Description  900 MHz ISM band Directional Panel Antenna
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

WPANTDP092-R1A Datasheet(HTML) 1 Page - World Produts Inc.

  WPANTDP092-R1A Datasheet HTML 1Page - World Produts Inc. WPANTDP092-R1A Datasheet HTML 2Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev: 1.0
Created on: July 01, 2013
Created by: MKS
Approved by: BP
Page | 1
WPANTDP092-R1A
900 MHz ISM band Directional Panel Antenna
Description / Application
This is a high gain Directional Panel antenna that operates in the 900 MHz ISM band. It comes with an SMA connector. The antenna
can be customized with different connectors.
We can assist your engineers to optimize mounting positions for these antennas in your specific application and can further
customize the antennas for your specific needs. Please contact sales@worldproducts.com with your specific application
requirements.
Electrical Properties
Operating Frequency
902 – 928 MHz
Approximate Antenna Impedance [
Ω] 50
Ω
VSWR – Typical
< 2:1
Peak Gain [dBi] (Typical)
9 dBi
Polarization
Circular
Pattern
Directional (> 15 dB front-to-back ratio)
Accepted Power [W] (Max)
100 Watts
Mechanical / Environmental Properties
Antenna Dimensions
11’’ X 11’’ X 1.4’’
(278mm X 278mm X 35mm)
Antenna Color
White
Connector
SMA
Mounting Kit
L Bracket & U Bolts
Mounting Mast Diameter
1.6’’ – 2’’
(40 – 50 mm)
Operating / Storage Temperature
-40
oC to +90oC
Environmental
Meets standards for UL 94V-0
Hazardous Materials
RoHS Compliant


Similar Part No. - WPANTDP092-R1A

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANTDP090-S1A WPI-WPANTDP090-S1A Datasheet
109Kb / 2P
This is a 2.4 GHz Wi-Fi Omni Directional Stubby Antenna that is more of a plug-and-play solution
WPANTDP091-R1A WPI-WPANTDP091-R1A Datasheet
380Kb / 3P
GPS L1 Band Active Module
More results

Similar Description - WPANTDP092-R1A

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U2762B TEMIC-U2762B Datasheet
299Kb / 9P
900-MHz ISM Band Receiver
logo
World Produts Inc.
WPANT30049-RA WPI-WPANT30049-RA Datasheet
86Kb / 2P
900 MHz Directional Paraboloid Antenna
WPANT10016-CA WPI-WPANT10016-CA Datasheet
331Kb / 5P
800 / 900 MHz ISM Band and GSM Embedded Antenna
WPANT30087-R1A WPI-WPANT30087-R1A Datasheet
71Kb / 2P
900 MHz ISM band Omni-directional Antenna
WPANT30104-S1B WPI-WPANT30104-S1B Datasheet
103Kb / 3P
900 MHz ISM band Omni-Directional Antenna
logo
Pulse A Technitrol Comp...
W3012 PULSE-W3012 Datasheet
1Mb / 5P
ISM 900 MHz Ceramic Antenna
logo
World Produts Inc.
WPANT10058 WPI-WPANT10058 Datasheet
100Kb / 2P
ISM 900 MHz Miniature Antenna
WPANT10071 WPI-WPANT10071 Datasheet
285Kb / 5P
900 MHz ISM band Stamped Metal Embedded Antenna
WPANT30115 WPI-WPANT30115 Datasheet
115Kb / 3P
900 MHz ISM band Omni-directional Antenna
WPANT30148 WPI-WPANT30148 Datasheet
117Kb / 3P
900 MHz ISM Band Whip / Stubby Antenna
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com