Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD8901HD Datasheet(PDF) 2 Page - Calogic, LLC

Part # SD8901HD
Description  Wideband, Ring Demodulator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

SD8901HD Datasheet(HTML) 2 Page - Calogic, LLC

  SD8901HD Datasheet HTML 1Page - Calogic, LLC SD8901HD Datasheet HTML 2Page - Calogic, LLC SD8901HD Datasheet HTML 3Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SD8901
LLC
ABSOLUTE MAXIMUM RATINGS (TA = +25
oC unless otherwise noted)
VDS Drain to Source . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15 V
VDB Drain to Substrate . . . . . . . . . . . . . . . . . . . . . . . . 22.5 V
VSB Source to Substrate . . . . . . . . . . . . . . . . . . . . . . . 22.5 V
VGS Gate to Source. . . . . . . . . . . . . . . . . . . . -22.5 V to 30 V
VGB Gate to Substrate. . . . . . . . . . . . . . . . . . . . -0.3V to 30 V
VGD Gate to Drain . . . . . . . . . . . . . . . . . . . . . . -22.5V to 30 V
ID
Drain Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50 mA
Operating Temperature . . . . . . . . . . . . . . . . . . . . -55 to 125
oC
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . -65 to 150
oC
Power Dissipation (A Package)* . . . . . . . . . . . . . . . . 640 mW
* Derate 5 mW/
oC above 25oC
ELECTRICAL CHARACTERISTCIS (TA = +25
oC unless otherwise noted)
SYMBOL
CHARACTERISTICS
MIN
TYP
MAX
UNIT
TEST CONDITIONS
STATIC
V(BR)DS
Drain-Source
Breakdown Voltage
15
25
V
VGS = VSB = -5 V
Is = 10 nA
V(BR)SD
Source-Drain
Breakdown Voltage
15
VGD = VDB = - 5 V
ID = 10 nA
V(BR)DB
Drain-Substrate
Breakdown Voltage
22.5
Source Open
VGB = 0 V, ID = 10 nA
V(BR)SB
Source-Substrate
Breakdown Voltage
22.5
Drain Open
VGB = 0 V, ID = 10 nA
VT
Threshold Voltage
0.1
1
2.0
VDS = VGS = VT
IS = 1
µA, VSB = 0V
rDS(ON)
Drain-Source
"ON" Resistance
50
75
Ω
ID = 1 mA
VSB = 0 V
VGS = 5 V
30
VGS = 10 V
23
VGS = 15 V
19
VGS = 20 V
∆rDS(ON)
Resistance Matching
3
7
VGS = 5 V
DYNAMIC
Cgg
LO1 - LO2 Capacitance
4.4
pF
VDS = 0 V, VBS = -5.5 V
VGS = 4 V
Lc
Conversion Loss
8
dB
See Figure 1, PLO = +17 dBm
IMD3
Third Order Intercept
+35
fMAX
Maximum Operation Frequency
250
MHz
Note: Guaranteed by design, not subject to production test
PERFORMANCE COMPARISON
3rd ORDER INPUT
INTERCEPT POINT
(+dBM)
40
30
20
10
0
0
5
10
15
20
25
30
35
POWER LOCAL OSC. (+dBm)
U350
DIODE RING
SD8901
CALOGIC LLC, 237 WHITNEY PLACE, FREMONT, CA 94539, 510-656-2900 PHONE, 510-651-1076 FAX
DS066 REV A



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com