Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR2152 Datasheet(PDF) 4 Page - International Rectifier

Part # IR2152
Description  SELF-OSCILLATING HALF-BRIDGE DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2152 Datasheet(HTML) 4 Page - International Rectifier

  IR2152 Datasheet HTML 1Page - International Rectifier IR2152 Datasheet HTML 2Page - International Rectifier IR2152 Datasheet HTML 3Page - International Rectifier IR2152 Datasheet HTML 4Page - International Rectifier IR2152 Datasheet HTML 5Page - International Rectifier IR2152 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
IR2152
B-196 CONTROL INTEGRATED CIRCUIT DESIGNERS’ MANUAL
V
B
PULSE
GEN
DELAY
HV
LEVEL
SHIFT
V
CC
PULSE
FILTER
DEAD
TIME
LO
V
S
COM
R
S
Q
15.6V
C
T
R
T
UV
DETECT
+
-
+
-
RQ
S
Q
R
R
DEAD
TIME
R
HO
Lead Definitions
Lead
Symbol
Description
RT
Oscillator timing resistor input,in phase with HO for normal IC operation
CT
Oscillator timing capacitor input, the oscillator frequency according to the following equation:
f
=
×+
×
1
1.4 (R
75 ) C
TT
Ω
where 75
Ω is the effective impedance of the RT output stage
VB
High side floating supply
HO
High side gate drive output
VS
High side floating supply return
VCC
Low side and logic fixed supply
LO
Low side gate drive output
COM
Low side return
Functional Block Diagram
Lead Assignments
8 Lead DIP
SO-8
IR2151
IR2151S
To Order
Next Data Sheet
Index
Previous Datasheet



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com