Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WPANT60015-R2A Datasheet(PDF) 1 Page - World Produts Inc.

Part # WPANT60015-R2A
Description  Pin Style Ceramic GPS Patch Antenna
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

WPANT60015-R2A Datasheet(HTML) 1 Page - World Produts Inc.

  WPANT60015-R2A Datasheet HTML 1Page - World Produts Inc. WPANT60015-R2A Datasheet HTML 2Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev: 2.0
Created on: March 27, 2014
Created by: MKS
Approved by: BP
Page | 1
WPANT60015-R2A
Pin Style Ceramic GPS Patch Antenna
Note: Picture shown here is for reference only. Actual antenna is 4mm thick.
Description / Application
This is a Pin-style Ceramic Patch Antenna for GPS L1 Band applications. This can be used in portable navigation devices where
size and performance are very critical.
The antenna can be tuned to any other frequency 15XX MHz and the corresponding part number would be WPANT60015-R2AXX.
We can assist your engineers to optimize mounting positions for these antennas in your specific application and can further assist to
trouble shoot system integration issues such as TRP/TIS and FCC requirements. We specialize in developing customized Antenna
solutions. Please contact sales@worldproducts.com with your specific application requirements.
Electrical Properties
Operating Frequency
1567 – 1583 MHz
Approximate Antenna Impedance [
Ω]
50Ω
VSWR – Typical
< 1.5:1 @ 1575 MHz
Peak Gain [dBic] (Typical)
1 dBic @ Zenith
Polarization
RHCP
Axial Ratio [dB] (Typical)
3 dB
Mechanical / Environmental Properties
Patch Dimensions
15mm X 15mm X 4mm
Antenna Color
Brown
Operating / Storage Temperature
-40
oC to +90oC
Environmental
Meets standards for UL 94V-0
Hazardous Materials
RoHS Compliant


Similar Part No. - WPANT60015-R2A

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANT60015-R1A WPI-WPANT60015-R1A Datasheet
155Kb / 2P
Pin Style Ceramic GPS Patch Antenna
More results

Similar Description - WPANT60015-R2A

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANT60012-R1A WPI-WPANT60012-R1A Datasheet
164Kb / 2P
Pin Style Ceramic GPS Patch Antenna
WPANT60010-R1A WPI-WPANT60010-R1A Datasheet
138Kb / 2P
Pin Style Ceramic GPS Patch Antenna
WPANT60010-R2A WPI-WPANT60010-R2A Datasheet
147Kb / 2P
Pin Style Ceramic GPS Patch Antenna
WPANT60012-R2A WPI-WPANT60012-R2A Datasheet
143Kb / 2P
Pin Style Ceramic GPS Patch Antenna
WPANT60015-R1A WPI-WPANT60015-R1A Datasheet
155Kb / 2P
Pin Style Ceramic GPS Patch Antenna
WPANT60018-R1A WPI-WPANT60018-R1A Datasheet
154Kb / 2P
Pin Style Ceramic GPS Patch Antenna
WPANT60018-R1A80 WPI-WPANT60018-R1A80 Datasheet
154Kb / 2P
Pin Style Ceramic GPS Patch Antenna
WPANT60018-R2A WPI-WPANT60018-R2A Datasheet
139Kb / 2P
Pin Style Ceramic GPS Patch Antenna
WPANT60025-R1A WPI-WPANT60025-R1A Datasheet
146Kb / 2P
Pin Style Ceramic GPS Patch Antenna
WPANT60025-R2A WPI-WPANT60025-R2A Datasheet
159Kb / 2P
Pin Style Ceramic GPS Patch Antenna
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com