Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP06 Datasheet(PDF) 17 Page - Analog Devices

Part # TMP06
Description  0.5C Accurate PWM Temperature Sensor in 5-Lead SC-70
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

TMP06 Datasheet(HTML) 17 Page - Analog Devices

Back Button TMP06_15 Datasheet HTML 13Page - Analog Devices TMP06_15 Datasheet HTML 14Page - Analog Devices TMP06_15 Datasheet HTML 15Page - Analog Devices TMP06_15 Datasheet HTML 16Page - Analog Devices TMP06_15 Datasheet HTML 17Page - Analog Devices TMP06_15 Datasheet HTML 18Page - Analog Devices TMP06_15 Datasheet HTML 19Page - Analog Devices TMP06_15 Datasheet HTML 20Page - Analog Devices TMP06_15 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
Data Sheet
TMP05/TMP06
Rev. C | Page 17 of 28
APPLICATION HINTS
THERMAL RESPONSE TIME
The time required for a temperature sensor to settle to a
specified accuracy is a function of the sensor’s thermal mass
and the thermal conductivity between the sensor and the object
being sensed. Thermal mass is often considered equivalent to
capacitance. Thermal conductivity is commonly specified using
the symbol Q and can be thought of as thermal resistance. It is
usually specified in units of degrees per watt of power transferred
across the thermal joint. Thus, the time required for the TMP05/
TMP06 to settle to the desired accuracy is dependent on the
package selected, the thermal contact established in that
particular application, and the equivalent power of the heat
source. In most applications, the settling time is probably best
determined empirically.
SELF-HEATING EFFECTS
The temperature measurement accuracy of the TMP05/TMP06
can be degraded in some applications due to self-heating. Errors
are introduced from the quiescent dissipation and power dissipated
when converting, that is, during TL. The magnitude of these
temperature errors depends on the thermal conductivity of the
TMP05/TMP06 package, the mounting technique, and the
effects of airflow. Static dissipation in the TMP05/TMP06 is
typically 10 µW operating at 3.3 V with no load. In the 5-lead
SC-70 package mounted in free air, this accounts for a
temperature increase due to self-heating of
ΔT = PDISS × θJA = 10 µW × 534.7°C/W = 0.0053°C
(5)
In addition, power is dissipated by the digital output, which is
capable of sinking 800 µA continuously (TMP05). Under an
800 µA load, the output can dissipate
PDISS = (0.4 V)(0.8 mA)((TL)/TH + TL))
(6)
For example, with TL = 80 ms and TH = 40 ms, the power
dissipation due to the digital output is approximately 0.21 mW.
In a free-standing SC-70 package, this accounts for a tempera-
ture increase due to self-heating of
ΔT = PDISS × θJA = 0.21 mW × 534.7°C/W = 0.112°C
(7)
This temperature increase directly adds to that from the
quiescent dissipation and affects the accuracy of the TMP05/
TMP06 relative to the true ambient temperature.
It is recommended that current dissipated through the device be
kept to a minimum because it has a proportional effect on the
temperature error.
SUPPLY DECOUPLING
The TMP05/TMP06 should be decoupled with a 0.1 µF ceramic
capacitor between VDD and GND. This is particularly important
if the TMP05/TMP06 are mounted remotely from the power
supply. Precision analog products such as the TMP05/TMP06
require a well filtered power source. Because the parts operate
from a single supply, simply tapping into the digital logic power
supply could appear to be a convenient option. Unfortunately,
the logic supply is often a switch-mode design, which generates
noise in the 20 kHz to 1 MHz range. In addition, fast logic gates
can generate glitches hundreds of mV in amplitude due to
wiring resistance and inductance.
If possible, the TMP05/TMP06 should be powered directly
from the system power supply. This arrangement, shown in
Figure 30, isolates the analog section from the logic switching
transients. Even if a separate power supply trace is not available,
generous supply bypassing reduces supply-line-induced errors.
Local supply bypassing consisting of a 0.1 µF ceramic capacitor
is critical for the temperature accuracy specifications to be
achieved. This decoupling capacitor must be placed as close as
possible to the TMP05/TMP06 VDDpin. A recommended
decoupling capacitor is Phicomp’s 100 nF, 50 V X74.
It is important to keep the capacitor package size as small as
possible because ESL (equivalent series inductance) increases
with increasing package size. Reducing the capacitive value
below 100 nF increases the ESR (equivalent series resistance).
Using a capacitor with an ESL of 1 nH and an ESR of 80 mΩ is
recommended.
0.1µF
TMP05/
TMP06
TTL/CMOS
LOGIC
CIRCUITS
POWER
SUPPLY
Figure 30. Use Separate Traces to Reduce Power Supply Noise



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com