Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR51H310 Datasheet(PDF) 3 Page - International Rectifier

Part # IR51H310
Description  SELF-OSCILLATING HALF-BRIDGE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR51H310 Datasheet(HTML) 3 Page - International Rectifier

  IR51H310 Datasheet HTML 1Page - International Rectifier IR51H310 Datasheet HTML 2Page - International Rectifier IR51H310 Datasheet HTML 3Page - International Rectifier IR51H310 Datasheet HTML 4Page - International Rectifier IR51H310 Datasheet HTML 5Page - International Rectifier IR51H310 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
IR51H310
Dynamic Electrical Characteristics
VBIAS (VCC, VB) = 12V unless otherwise specified.
Parameter
TA = 25ºC
Symbol
Definition
Min.
Typ. Max. Units
Test Conditions
trr
Reverse Recovery Time (MOSFET Body Diode)
---
240
---
ns
IF = 700mA
Qrr
Reverse Recovery Charge (MOSFET Body Diode)
---
0.85
---
µC
di/dt = 100A/µs
DT
Deadtime, LS Turn-Off to HS Turn-On &
HS Turn-Off to LS Turn-On
---
1.2
---
µs
DRT Duty Cycle
---
50
---
%
fOSC = 20 kHz
Static Electrical Characteristics
VBIAS (VCC, VB) = 12V unless otherwise specified.
Parameter
TA = 25ºC
Symbol
Definition
Min.
Typ. Max. Units
Test Conditions
Supply Characteristics
VCCUV+
VCC Supply Undervoltage Positive Going
Threshold
---
8.4
---
V
VCCUV-
VCC Supply Undervoltage Negative Going
Threshold
---
8.0
---
IQCC
Quiescent VCC Supply Current
---
300
---
µA
VCLAMP
VCC Zener Shunt Clamp Voltage
---
15.6
---
V
ICC = 5 mA
Floating Supply Characteristics
IQBS
Quiescent VBS Supply Current
---
30
---
µA
IOS
Offset Supply Leakage Current---
---
50
V
B = VIN = 400V
Oscillator I/O Characteristics
fOSC
Oscillator Frequency
---
20
---
kHz
RT = 35.7 k
Ω,
CT = 1 nF
---
100
---
RT = 7.04 k
Ω,
CT = 1 nF
ICT
CT Input Current
---
0.001
1.0
µA
VCTUV
CT Undervoltage Lockout
---
100
---
2.5V < V
CC < VCCUV+
VRT+
RT High Level Output Voltage, VCC - RT
---20---
IRT = -100 µA
---
200
---
mV
IRT = -1 mA
VRT-
RT Low Level Output Voltage
---20---
IRT = 100 µA
---
200
---
IRT = 1 mA
VRTUV
RT Undervoltage Lockout, VCC - RT
---
100
---
2.5V < VCC < VCCUV+
VCT+
2/3 VCC Threshold
---
8.0
---
V
VCT-
1/3 VCC Threshold
---
4.0
---
Output Characteristics
RDS(on)
Static Drain-to-Source On-Resistance
---
3.6
---
Ω
ID = 700 mA
VSD
Diode Forward Voltage
---
0.8
---
V
Tj = 150 ºC
To Order
Next Data Sheet
Index
Previous Datasheet



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com