Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTSZ5222BW Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # MTSZ5222BW
Description  Surface Mount Zener Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MTSZ5222BW Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  MTSZ5222BW Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MTSZ5222BW Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH MTSZ5222BW Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH MTSZ5222BW Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Elektronische Bauelemente
MTSZ52xxBW Series
500mW, SOD-123LH
Surface Mount Zener Diodes
02-Oct-2012 Rev. B
Page 2 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (T
A=25°C unless otherwise specified, VF=900mV Maximum@ IF=10mA)
Zener Voltage Range
Maximum Zener
Impedance
Maximum Reverse
Leakage Current
VZ@IZT
IZT
ZZT@IZT ZZK@IZK
IZK
IR@VR
Type Number
Marking
Min(V)
Nom(V)
Max(V)
mA
Ω
Ω
mA
μA
V
MTSZ5221BW
Z2V4
2.28
2.4
2.52
20
30
1200
0.25
100
1
MTSZ5222BW
Z2V5
2.38
2.5
2.63
20
30
1250
0.25
100
1
MTSZ5223BW
Z2V7
2.57
2.7
2.84
20
30
1300
0.25
75
1
MTSZ5224BW
Z2V8
2.66
2.8
2.94
20
30
1400
0.25
75
1
MTSZ5225BW
Z3V0
2.85
3
3.15
20
29
1600
0.25
50
1
MTSZ5226BW
Z3V3
3.14
3.3
3.47
20
28
1600
0.25
25
1
MTSZ5227BW
Z3V6
3.42
3.6
3.78
20
24
1700
0.25
15
1
MTSZ5228BW
Z3V9
3.71
3.9
4.1
20
23
1900
0.25
10
1
MTSZ5229BW
Z4V3
4.09
4.3
4.52
20
22
2000
0.25
5
1
MTSZ5230BW
Z4V7
4.47
4.7
4.94
20
19
1900
0.25
5
2
MTSZ5231BW
Z5V1
4.85
5.1
5.36
20
17
1600
0.25
5
2
MTSZ5232BW
Z5V6
5.32
5.6
5.88
20
11
1600
0.25
5
3
MTSZ5233BW
Z6V0
5.7
6
6.3
20
7
1600
0.25
5
3.5
MTSZ5234BW
Z6V2
5.89
6.2
6.51
20
7
1000
0.25
5
4
MTSZ5235BW
Z6V8
6.46
6.8
7.14
20
5
750
0.25
3
5
MTSZ5236BW
Z7V5
7.13
7.5
7.88
20
6
500
0.25
3
6
MTSZ5237BW
Z8V2
7.79
8.2
8.61
20
8
500
0.25
3
6.5
MTSZ5238BW
Z8V7
8.27
8.7
9.14
20
8
600
0.25
3
6.5
MTSZ5239BW
Z9V1
8.65
9.1
9.56
20
10
600
0.25
3
7
MTSZ5240BW
Z10V
9.5
10
10.5
20
17
600
0.25
3
8
MTSZ5241BW
Z11V
10.45
11
11.55
20
22
600
0.25
2
8.4
MTSZ5242BW
Z12V
11.4
12
12.6
20
30
600
0.25
1
9.1
MTSZ5243BW
Z13V
12.35
13
13.65
9.5
13
600
0.25
0.5
9.9
MTSZ5244BW
Z14V
13.3
14
14.7
9
15
600
0.25
0.1
10
MTSZ5245BW
Z15V
14.25
15
15.75
8.5
16
600
0.25
0.1
11
MTSZ5246BW
Z16V
15.2
16
16.8
7.8
17
600
0.25
0.1
12
MTSZ5247BW
Z17V
16.15
17
17.85
7.4
19
600
0.25
0.1
13
MTSZ5248BW
Z18V
17.1
18
18.9
7
21
600
0.25
0.1
14
MTSZ5249BW
Z19V
18.05
19
19.95
6.6
23
600
0.25
0.1
14
MTSZ5250BW
Z20V
19
20
21
6.2
25
600
0.25
0.1
15



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com