Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PZT159 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # PZT159
Description  PNP Silicon Planar
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

PZT159 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  PZT159_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH PZT159_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Any changing of specification will not be informed individual
PZT159
PNP Silicon Planar
On-Time
ton
-
82
-
Off-Time
toff
-
350
-
ns
VCC=-10V, IC=2A,
IB1=IB2=-200mA
01-Jun-2002 Rev. A
Page 2 of 2
http://www.SeCoSGmbH.com
Elektronische Bauelemente
High Current Transistor
*Measured under pulse condition. Pulse width
300 s, Duty Cycle
2%
Spice parameter data is available upon request for this device.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com