Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WPANTDP070-R1A Datasheet(PDF) 1 Page - World Produts Inc.

Part # WPANTDP070-R1A
Description  The WPANTDP070-R1A antenna is an L1 band GPS, GSM and FM Antenna for automobile applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

WPANTDP070-R1A Datasheet(HTML) 1 Page - World Produts Inc.

  WPANTDP070-R1A Datasheet HTML 1Page - World Produts Inc. WPANTDP070-R1A Datasheet HTML 2Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
WP Wireless — A Division of World Products LLC. || 19656 Eighth Street East || Sonoma, CA, 95476, USA
[O]: +1-707-996-5201 || [F]: +1-707-996-3380 || [E]: sales@wp-wireless.com || [W]: www.wp-wireless.com
Page 1 of 2
Rev: 1.0
Created on: Oct. 16
th 2012
Created by: MKS
Approved By: BP
WPANTDP070-R1A
Automotive GPS / GSM / FM Tri-band Antenna
Picture of the Part
Application
The WPANTDP070-R1A antenna is an L1 band GPS, GSM and FM Antenna for automobile applications. The
standard cable length for this antenna is 3 meters and the standard connector is SMA. It can be also configured for
different cable lengths and connectors.
WP Wireless can assist your engineers to optimize mounting positions for these antennas in your specific application
and can further assist to trouble shoot system integration issues such as TRP/TIS and FCC requirements. WP
Wireless specializes in developing customized Antenna solutions. Please contact sales@wp-wireless.com with your
specific application requirements.
Electrical Properties
Parameter
Antenna Performance
Operating Frequency
88 – 108 MHz
824 – 960 MHz
1567 – 1583 MHz
1710 – 1990 MHz
Recommended Impedance
of the customer Radio
Module[
Ω]
50
Ω
50Ω
50Ω
50Ω
VSWR – Typical
<2:1
<2:1
<2:1
<2:1
Peak Gain [dBi] (Typical)
2 dBi
2 dBi
28 dBi
2 dBi
Polarization
Linear
Linear
RHCP
Linear
Accepted Power [W] (Max)
2 Watts
2 Watts
2 Watts
2 Watts


Similar Part No. - WPANTDP070-R1A

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANTDP071-R1A WPI-WPANTDP071-R1A Datasheet
132Kb / 2P
The WPANTDP071-R1A antenna is a Mag-mount L1 band passive GPS Antenna for automobile applications
WPANTDP072-R1A WPI-WPANTDP072-R1A Datasheet
94Kb / 2P
The WPANTDP072-R1A antenna is a Mag-mount L1 band GPS
WPANTDP078-R1A WPI-WPANTDP078-R1A Datasheet
243Kb / 2P
Picture of the Part
More results

Similar Description - WPANTDP070-R1A

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANT30013-SB WPI-WPANT30013-SB Datasheet
116Kb / 2P
GPS & GSM Dual-band Glass Mount Antenna
WPANTDP069-R1A WPI-WPANTDP069-R1A Datasheet
135Kb / 2P
The WPANTDP069-R1A antenna is an L1 band GPS and FM Dual Antenna for automobile applications
WPANTDP072-R1A WPI-WPANTDP072-R1A Datasheet
94Kb / 2P
The WPANTDP072-R1A antenna is a Mag-mount L1 band GPS
WPANTDP071-R1A WPI-WPANTDP071-R1A Datasheet
132Kb / 2P
The WPANTDP071-R1A antenna is a Mag-mount L1 band passive GPS Antenna for automobile applications
logo
Pulse A Technitrol Comp...
L145 PULSE-L145 Datasheet
2Mb / 4P
GPS L1 Band & GLONASS Ceramic Patch Antenna
logo
World Produts Inc.
WPANT10075 WPI-WPANT10075 Datasheet
97Kb / 2P
GPS L1 band Antenna
WPANT10086 WPI-WPANT10086 Datasheet
93Kb / 2P
GPS L1 band SMT Antenna
WPANT10087 WPI-WPANT10087 Datasheet
124Kb / 2P
GPS L1 band SMT Antenna
WPANT30013-SB WPI-WPANT30013-SB_15 Datasheet
111Kb / 2P
GPS and GSM Dual-band Glass Mount Antenna
logo
Tallysman Wireless Inc.
TW1010 TALLYSMAN-TW1010 Datasheet
196Kb / 2P
Embedded GPS L1 Antenna
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com