Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRCZ24 Datasheet(PDF) 2 Page - International Rectifier

Part # IRCZ24
Description  Power MOSFET(Vdss=55V, Rds(on)=0.040ohm, Id=26A)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRCZ24 Datasheet(HTML) 2 Page - International Rectifier

  IRCZ24 Datasheet HTML 1Page - International Rectifier IRCZ24 Datasheet HTML 2Page - International Rectifier IRCZ24 Datasheet HTML 3Page - International Rectifier IRCZ24 Datasheet HTML 4Page - International Rectifier IRCZ24 Datasheet HTML 5Page - International Rectifier IRCZ24 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
C-2
IRCZ24
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
60
–––
–––
V
VGS = 0V, ID = 250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
––– 0.061 –––
V/°C
Reference to 25°C, ID = 1mA
RDS(ON)
Static Drain-to-Source On-Resistance
–––
–––
0.10
Ω
VGS = 10V, ID = 10A
„
VGS(th)
Gate Threshold Voltage
2.0
–––
4.0
V
VDS = VGS, ID = 250µA
gfs
Forward Transconductance
5.8
–––
–––
S
VDS = 25V, ID = 10A
–––
–––
25
VDS = 60V, VGS = 0V
–––
–––
250
VDS = 48V, VGS = 0V, TJ = 150°C
Gate-to-Source Forward Leakage
–––
–––
100
VGS = 20V
Gate-to-Source Reverse Leakage
–––
–––
-100
VGS = -20V
Qg
Total Gate Charge
–––
–––
24
ID = 17A
Qgs
Gate-to-Source Charge
–––
–––
6.3
nC
VDS = 48V
Qgd
Gate-to-Drain ("Miller") Charge
–––
–––
9.0
VGS = 10V, See Fig. 6 and 13
„
td(on)
Turn-On Delay Time
–––
12
–––
VDD = 30V
tr
Rise Time
–––
59
–––
ID = 17A
td(off)
Turn-Off Delay Time
–––
25
–––
RG = 18Ω
tf
Fall Time
–––
38
–––
RD = 1.7Ω, See Fig. 10
„
L
D
Internal Drain Inductance
–––
4.5
–––
L
C
Internal Source Inductance
–––
7.5
–––
Ciss
Input Capacitance
–––
720
–––
VGS = 0V
Coss
Output Capacitance
–––
360
–––
pF
VDS = 25V
Crss
Reverse Transfer Capacitance
–––
75
–––
ƒ = 1.0MHz, See Fig. 5
r
Current Sensing Ratio
740
–––
820
–––
ID = 17A, VGS = 10V
Coss
Output Capacitance of Sensing Cells
–––
14
–––
pF
VGS = 0V, VDS = 25V, ƒ = 1.0MHz
nH
Between lead,
6 mm (0.25 in.)
from package
and center of
die contact
Drain-to-Source Leakage Current
IDSS
IGSS
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
1.5
V
TJ = 25°C, IS = 17A, VGS = 0V
„
trr
Reverse Recovery Time
–––
87
180
ns
TJ = 25°C, IF = 17A
Qrr
Reverse Recovery Charge
–––
0.29 0.60
nC
di/dt = 100A/µs
„
ton
Forward Turn-On Time
Source-Drain Ratings and Characteristics
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
–––
–––
68
–––
–––
17
A
S
D
G
Notes:
 Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 )
‚ VDD = 25V, starting TJ = 25°C, L = 0.024mH
RG = 25Ω, IAS = 17A. (See Figure 12)
ƒ ISD ≤ 17A, di/dt ≤ 140A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 175°C
„ Pulse width ≤ 300µs; duty cycle ≤ 2%.
Untitled-1
6/3/97, 3:27 PM
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com