Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SU6000RT4UTF Datasheet(PDF) 4 Page - Tripp Lite. All Rights Reserved

Part # SU6000RT4UTF
Description  SmartOnline 240/208/120V 6kVA 5.4kW On-Line Double-Conversion UPS, Low-Voltage Transformer,Extended Run, SNMP, Webcard, 6U Rack/Tower,Bypass Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SU6000RT4UTF Datasheet(HTML) 4 Page - Tripp Lite. All Rights Reserved

  SU6000RT4UTF Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SU6000RT4UTF Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SU6000RT4UTF Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SU6000RT4UTF Datasheet HTML 4Page - Tripp Lite. All Rights Reserved SU6000RT4UTF Datasheet HTML 5Page - Tripp Lite. All Rights Reserved SU6000RT4UTF Datasheet HTML 6Page - Tripp Lite. All Rights Reserved SU6000RT4UTF Datasheet HTML 7Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Nominal Input Voltage Description
Factory configured to 208V
UPS Input Connection Type
L6-30P
UPS Input Cord Length (ft.)
10
UPS Input Cord Length (m)
3
Recommended Electrical Service
30A
Input Phase
Single-Phase
BATTERY
Full Load Runtime (min.)
2 min. (5400 watts)
Half Load Runtime (min.)
8.5 min. (2700 watts)
Expandable Battery Runtime
Runtime is expandable with external battery packs
External Battery Pack Compatibility
BP192V1037C-1PH ; BP192V12-3U ; BP192V1407C-1PH ; BP192V557C-1PH ; BP192V787C-1PH ;
BP192V5RT2U (limit 1)
DC System Voltage (VDC)
192
Battery Recharge Rate (Included
Batteries)
6 hours from 10% to 90% (typical, full load discharge)
Internal UPS Replacement Battery
Cartridge
RBC5-192
Battery Access
Front panel battery access door
Battery Replacement Description
Hot-swappable, user replaceable batteries
VOLTAGE REGULATION
Voltage Regulation Description
Online, double-conversion power conditioning
Overvoltage Correction
Corrects overvoltages as high as 300V (<90% load) and 280V (full load)
Undervoltage Correction
Corrects undervoltages as low as 100 (<50% load) and 155V (full load); derates linearly
USER INTERFACE, ALERTS & CONTROLS
Front Panel LCD Display
Selectable LCD display with scroll and selection buttons enables UPS control and detailed monitoring options;
LED/LCD panel rotates for viewing in rack/tower formats (see manual)
Switches
Includes main power off/on switch, plus 2 switches to set and execute scrollable LCD functions. A manual bypass
switch featured on the detachable PDU allows for complete removal of the UPS during routine maintenance without
disrupting power to connected loads.
Alarm Cancel Operation
Alarm cancel switch
Audible Alarm
Unique audible alarms for all major UPS, environmental and power conditions (see manual)
LED Indicators
6 LEDs indicate line power, online mode, economy/bypass mode, on-battery, charger and AC output status
SURGE / NOISE SUPPRESSION
UPS AC Suppression Response
Time
Instantaneous
4 / 7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com