Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UNIPLUGINT Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # UNIPLUGINT
Description  Multi-International Power Plug Adapter for IEC-320-C13 Outlets
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

UNIPLUGINT Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  UNIPLUGINT Datasheet HTML 1Page - Tripp Lite. All Rights Reserved UNIPLUGINT Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Multi-International Power Plug Adapter for
IEC-320-C13 Outlets
MODEL NUMBER: UNIPLUGINT
Description
Tripp Lite's UNIPLUGINT outlet adapter enables the connection of a wide variety of international plugs into a
standard IEC 320 C13 computer interface receptacle. Direct plug-in module connects directly to a power
distribution unit or power protection device outlet. Uniquely shaped output receptacle openings accept many types of international plugs, including common
British, French and German types. Input IEC 320 C14 plug connection interfaces with C13 receptacle. UNIPLUGINT is not a voltage converter, verify
equipment voltage compatibility prior to connection.
Features
Tripp Lite's UNIPLUGINT outlet adapter enables the connection of a wide variety of international plugs into a standard IEC 320 C13 computer interface
receptacle
Direct plug-in module connects directly to a wall socket or power protection device output
Uniquely shaped output receptacle openings accept many types of international plugs, including common British, French and German types
Input IEC 320 C14 plug connection interfaces with C13 receptacle
UNIPLUGINT is not a voltage converter, verify equipment voltage compatibility prior to connection
Specifications
OVERVIEW
Model Type
Outlet Kits
WARRANTY
Highlights
Enables connecting international
plugs into an IEC 320 C13
receptacle
Accepts many types of
international plugs, including
common British, French and
German types
Applications
Ideal means of connecting
international plugs into standard
IEC 320 C13 computer interface
receptacle on a power
distribution unit or power
protection device
Package Includes
UNIPLUGINT outlet adapter
Ground pin adapter
Owner's manual
1 / 2


Similar Part No. - UNIPLUGINT

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
Uni SOCAY-Uni Datasheet
3Mb / 56P
Surface Mount Transient Voltage Suppressors (TVS)
logo
Clare, Inc.
UNI-IMPS CLARE-UNI-IMPS Datasheet
92Kb / 3P
HIGH-SPEED TRANSIENT SURGE PROTECTORS
logo
Juniper Networks, Inc.
UNIFIED-PON JUNIPER-UNIFIED-PON Datasheet
1Mb / 4P
UNIFIED PON DATASHEET
logo
PHOENIX CONTACT
UNIFOX-C-VDE PHOENIX-UNIFOX-C-VDE Datasheet
47Kb / 3P
Combination pliers, cross-notched grip area, integrated M8 - M10 ring wrench, VDE 1000 V AC/1500 V DC tested
UNIFOX-C-VDE-DB PHOENIX-UNIFOX-C-VDE-DB Datasheet
53Kb / 2P
Excellent transformation ratios for excellent gripping and cutting performance
More results

Similar Description - UNIPLUGINT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PS-5-INT ETC2-PS-5-INT Datasheet
493Kb / 2P
230V Power Strip with 5 IEC-320 Outlets
logo
Tripp Lite. All Rights ...
P00518N TRIPPLITE-P00518N Datasheet
486Kb / 2P
Heavy-Duty Power Extension Cord, 15A, 14AWG (IEC-320-C14 to IEC-320-C13), 18-in
P004001 TRIPPLITE-P004001 Datasheet
486Kb / 2P
Standard Computer Power Extension Cord, 10A, 18AWG (IEC-320-C14 to IEC-320-C13), 1-ft
P004008 TRIPPLITE-P004008 Datasheet
486Kb / 2P
Standard Computer Power Extension Cord, 10A, 18AWG (IEC-320-C14 to IEC-320-C13), 8-ft
P005006 TRIPPLITE-P005006 Datasheet
485Kb / 2P
Heavy-Duty Power Extension Cord, 15A, 14AWG (IEC-320-C14 to IEC-320-C13), 6-ft
P032007 TRIPPLITE-P032007 Datasheet
484Kb / 2P
Heavy-Duty Power Cord for PDU, 15A, 12AWG (IEC-320- C13 to IEC-320-C20), 7-ft
P0040062C13 TRIPPLITE-P0040062C13 Datasheet
479Kb / 2P
Y Splitter Computer Power Extension Cord, 10A,18AWG (IEC-320-C14 to 2x IEC-320-C13)
P00400213A TRIPPLITE-P00400213A Datasheet
486Kb / 2P
Standard Computer Power Extension Cord, 13A, 16AWG (IEC-320-C14 to IEC-320-C13), 2-ft
P004-010 TRIPPLITE-P004-010 Datasheet
493Kb / 3P
Standard Computer Power Extension Cord, 10A 18AWG (IEC-320-C14 to IEC-320-C13) 10-ft
logo
Bel Fuse Inc.
CT999277 BEL-CT999277 Datasheet
137Kb / 1P
Power supply cords IEC 320 C13 to IEC 320 C20
Rev. A1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com