Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WPANT67002-R1A Datasheet(PDF) 1 Page - World Produts Inc.

Part # WPANT67002-R1A
Description  High Gain GPS Body-mount Antenna
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

WPANT67002-R1A Datasheet(HTML) 1 Page - World Produts Inc.

  WPANT67002-R1A Datasheet HTML 1Page - World Produts Inc. WPANT67002-R1A Datasheet HTML 2Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev: 1.0
Created on: July 01, 2013
Created by: MKS
Approved by: BP
Page | 1
WPANT67002-R1A
High Gain GPS Body-mount Antenna
Description / Application
This is a very High Gain Active Patch Body mount Outdoor antenna for GPS L1 Band function. This can be used in portable
navigation and tracking applications where high performance is required. The module consists of a circularly polarized patch antenna
and a Low Noise Amplifier (LNA). It comes with a TNC Female connector. It can be customized with different cable assemblies and
connectors.
We can assist your engineers to optimize mounting positions for these antennas in your specific application and can further
customize the antennas for your specific needs. Please contact sales@worldproducts.com with your specific application
requirements.
Electrical Properties
Operating Frequency
1572 – 1578 MHz
Approximate Antenna Impedance [
Ω]
50Ω
LNA Gain [dBi] (Typical)
40 dBi
Active Antenna Peak Gain [dBi]
44 dBi @ Zenith
Voltage [V] (Typical)
3 – 16 V
Current [mA] (Typical)
15 mA (25 mA Max)
Noise Figure [dB] (Typical)
1.5 dB
Polarization
RHCP
Axial Ratio [dB] (Typical)
3 dB
Accepted Power [W] (Max)
400 mW
Mechanical / Environmental Properties
Antenna Dimensions
2.6’’ Base Dia X 1.9’’ Height
(66.5mm X 47.5mm)
Antenna Color
Dark Grey
Connector
TNC Female
Attachment Method
L-bracket option
Operating / Storage Temperature
-40
oC to +90oC
Environmental
IP67 rated; Meets standards for UL 94V-0
Hazardous Materials
RoHS Compliant


Similar Part No. - WPANT67002-R1A

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANT67001-R1A WPI-WPANT67001-R1A Datasheet
84Kb / 2P
High Gain GPS Body-mount Antenna
More results

Similar Description - WPANT67002-R1A

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANT30060-S1A WPI-WPANT30060-S1A Datasheet
380Kb / 4P
3G, Wi-Fi and GPS Body-mount Antenna
WPANT30061-S1A WPI-WPANT30061-S1A Datasheet
393Kb / 4P
5 GHz Wi-Fi and GPS Body-mount Antenna
WPANT67001-R1A WPI-WPANT67001-R1A Datasheet
84Kb / 2P
High Gain GPS Body-mount Antenna
WPANT30060-S1A WPI-WPANT30060-S1A_15 Datasheet
377Kb / 4P
3G, Wi-Fi and GPS Body-mount Antenna
WPANT30155 WPI-WPANT30155 Datasheet
90Kb / 2P
ISM & GPS Body Mount Vandal Proof Antenna
logo
Tallysman Wireless Inc.
TW1430 TALLYSMAN-TW1430 Datasheet
231Kb / 2P
High Gain Compact Embedded GPS/GLONASS Antenna
TW4037 TALLYSMAN-TW4037 Datasheet
172Kb / 2P
TW4037/TW4039 Low Gain GPS Antenna
TW4039B TALLYSMAN-TW4039B Datasheet
185Kb / 2P
TW4039B Low Gain GPS Antenna
TW3752 TALLYSMAN-TW3752 Datasheet
583Kb / 2P
TW3752 High Gain / High Rejection GPS GLONASS Galileo BeiDou Timing Antenna
logo
PCTEL, Inc.
3978D-HR-DH-W PCTEL-3978D-HR-DH-W Datasheet
196Kb / 1P
High Gain & High Rejection Permanent Mount GPS Antenna
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com