Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WPANTDP009-R3A Datasheet(PDF) 1 Page - World Produts Inc.

Part # WPANTDP009-R3A
Description  GPS L1 Band Active Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

WPANTDP009-R3A Datasheet(HTML) 1 Page - World Produts Inc.

  WPANTDP009-R3A Datasheet HTML 1Page - World Produts Inc. WPANTDP009-R3A Datasheet HTML 2Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev: 1.0
Created on: October 30, 2013
Created by: TT
Approved by: BP
Page | 1
WPANTDP009-R3A
GPS L1 Band Active Module
Description / Application
This is a waterproof magnetic mount antenna that is ideal for automotive amplified GPS applications. This sleek design is an efficient
active GPS antenna that only uses 15mA with a supply voltage ranging between 3 and 5 volts.
We can assist your engineers to optimize mounting positions for these antennas in your applications and can further customize the
antennas for your specific needs. Please contact sales@worldproducts.com with your specific application requirements.
Electrical Properties
Operating Frequency
1567
– 1583 MHz
Approximate Antenna Impedance [
] 50Ω
VSWR
– Typical
< 2:1
LNA Gain [dBi] (Typical)
24 dBi
Active Antenna Peak Gain [dBi]
27 dBi @ Zenith
Noise Figure (dB) (Typical)
1.5 dB
Voltage [V] (Typical)
3.0
– 5.0 V
Axial Ratio (dB)
3.0 dB
Polarization
RHCP
Mechanical / Environmental Properties
Antenna Dimensions (L x W x H)
1.82’’ x 1.51’’ x 0.54’’
(46.3mm x 38.3mm x 13.8mm)
Antenna Color
Black
Material
ABS Plastic
Cable
5 meter long RG-174
Connector
Straight MCX plug
Operating / Storage Temperature
-40
oC to +90oC
Environmental
Meets standards for UL 94V-0
This antenna is built in accordance with: IP 67
Hazardous Materials
RoHS Compliant


Similar Part No. - WPANTDP009-R3A

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANTDP006 WPI-WPANTDP006 Datasheet
84Kb / 2P
The WPANTDP006 is a very compact 3G Cellular Dual-band Monopole antenna
More results

Similar Description - WPANTDP009-R3A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2741 MAXIM-MAX2741 Datasheet
239Kb / 12P
Integrated L1-Band GPS Receiver
Rev 0; 1/05
logo
World Produts Inc.
WPANT65010-R1A WPI-WPANT65010-R1A Datasheet
116Kb / 2P
GPS L1 Band Active Patch Module
WPANT65012-R1A WPI-WPANT65012-R1A Datasheet
102Kb / 2P
GPS L1 Band Active Patch Module
WPANT65015-R1A WPI-WPANT65015-R1A Datasheet
81Kb / 2P
GPS L1 Band Active Patch Module
WPANT65018-R1A WPI-WPANT65018-R1A Datasheet
94Kb / 2P
GPS L1 Band Active Patch Module
WPANT65025-R3A WPI-WPANT65025-R3A Datasheet
95Kb / 2P
GPS L1 Band Active Patch Module
WPANTDP091-R1A WPI-WPANTDP091-R1A Datasheet
380Kb / 3P
GPS L1 Band Active Module
WPANT10075 WPI-WPANT10075 Datasheet
97Kb / 2P
GPS L1 band Antenna
WPANT10086 WPI-WPANT10086 Datasheet
93Kb / 2P
GPS L1 band SMT Antenna
WPANT10087 WPI-WPANT10087 Datasheet
124Kb / 2P
GPS L1 band SMT Antenna
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com