Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WPANTDP071-R1A Datasheet(PDF) 2 Page - World Produts Inc.

Part # WPANTDP071-R1A
Description  The WPANTDP071-R1A antenna is a Mag-mount L1 band passive GPS Antenna for automobile applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

WPANTDP071-R1A Datasheet(HTML) 2 Page - World Produts Inc.

  WPANTDP071-R1A Datasheet HTML 1Page - World Produts Inc. WPANTDP071-R1A Datasheet HTML 2Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
WP Wireless — A Division of World Products LLC. || 19656 Eighth Street East || Sonoma, CA, 95476, USA
[O]: +1-707-996-5201 || [F]: +1-707-996-3380 || [E]: sales@wp-wireless.com || [W]: www.wp-wireless.com
Page 2 of 2
Rev: 1.0
Created on: Oct. 16
th 2012
Created by: MKS
Approved By: BP
WPANTDP071-R1A
Mag Mount L1 GPS Antenna
Mechanical / Environmental Properties
Item
Value
Total Antenna Dimensions
40mm x 39mm x 14mm (LxWxH)
Antenna Color
Black
Cable
3 meters long RG174
Connector
SMA
Operating / Storage Temperature
-40
oC to +90oC
Environmental
Meets standards for UL 94V-0
Hazardous Materials
RoHS compliant
Picture of the Antenna



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com