Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WPANTDP091-R1A Datasheet(PDF) 1 Page - World Produts Inc.

Part # WPANTDP091-R1A
Description  GPS L1 Band Active Module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

WPANTDP091-R1A Datasheet(HTML) 1 Page - World Produts Inc.

  WPANTDP091-R1A Datasheet HTML 1Page - World Produts Inc. WPANTDP091-R1A Datasheet HTML 2Page - World Produts Inc. WPANTDP091-R1A Datasheet HTML 3Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Rev: 3.0
Created on: July 10, 2013
Created by: TT
Approved by: BP
Page | 1
WPANTDP091-R1A
GPS L1 Band Active Module
Description / Application
This
ruggedized antenna contains Active GPS Module for L1 Band function. This can be used in portable navigation and tracking
applications where high performance is required. The module consists of a circularly polarized patch antenna and a Low Noise
Amplifier (LNA). It comes with a 3 feet long RG-174 cable with a right angle Type-N male (with hex nut) at the end.
We can assist your engineers to optimize mounting positions for these antennas in your applications and can further customize the
antennas for your specific needs. Please contact sales@worldproducts.com with your specific application requirements.
Electrical Properties
Operating Frequency
1567
– 1583 MHz
Approximate Antenna Impedance [
] 50Ω
VSWR
– Typical
< 2:1
LNA Gain [dBi] (Typical)
27 dBi
Active Antenna Peak Gain [dBi]
27 dBi @ Zenith
Voltage [V] (Typical)
3.0
– 5.0 V
Current [mA] (Typical)
6 mA
Noise Figure [dB] (Typical)
1.5 dB
Polarization
RHCP
Axial Ratio [dB] (Typical)
3 dB
Accepted Power [W] (Max)
2 Watts
Mechanical / Environmental Properties
Antenna Dimensions (L x W x H)
2.04’’ x 2.31’’ x 0.59’’
(51.82mm x 58.67mm x 15mm)
Antenna Color
Black
Material
ABS Plastic
Bracket Vertical Strength
5 kgf
Cable
3 feet long RG-174
Connector
Right Angle Type-N Male with hex nut
Operating / Storage Temperature
-40
oC to +90oC
Environmental
Meets standards for UL 94V-0
This antenna is built in accordance with: IP 67
UV Protection
Cycle
Light
Light Strength
Explore Cycle
Temperature
1
UVA-340
0.89 W / m^2
@340 nm
8h Light
4h high tem dark
60 ± 3 °C
50 ± 3 °C
Hazardous Materials
RoHS Compliant


Similar Part No. - WPANTDP091-R1A

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANTDP090-S1A WPI-WPANTDP090-S1A Datasheet
109Kb / 2P
This is a 2.4 GHz Wi-Fi Omni Directional Stubby Antenna that is more of a plug-and-play solution
WPANTDP092-R1A WPI-WPANTDP092-R1A Datasheet
68Kb / 2P
900 MHz ISM band Directional Panel Antenna
More results

Similar Description - WPANTDP091-R1A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2741 MAXIM-MAX2741 Datasheet
239Kb / 12P
Integrated L1-Band GPS Receiver
Rev 0; 1/05
logo
World Produts Inc.
WPANT65010-R1A WPI-WPANT65010-R1A Datasheet
116Kb / 2P
GPS L1 Band Active Patch Module
WPANT65012-R1A WPI-WPANT65012-R1A Datasheet
102Kb / 2P
GPS L1 Band Active Patch Module
WPANT65015-R1A WPI-WPANT65015-R1A Datasheet
81Kb / 2P
GPS L1 Band Active Patch Module
WPANT65018-R1A WPI-WPANT65018-R1A Datasheet
94Kb / 2P
GPS L1 Band Active Patch Module
WPANT65025-R3A WPI-WPANT65025-R3A Datasheet
95Kb / 2P
GPS L1 Band Active Patch Module
WPANTDP009-R3A WPI-WPANTDP009-R3A Datasheet
233Kb / 2P
GPS L1 Band Active Module
WPANT10075 WPI-WPANT10075 Datasheet
97Kb / 2P
GPS L1 band Antenna
WPANT10086 WPI-WPANT10086 Datasheet
93Kb / 2P
GPS L1 band SMT Antenna
WPANT10087 WPI-WPANT10087 Datasheet
124Kb / 2P
GPS L1 band SMT Antenna
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com