Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RD91EB4 Datasheet(PDF) 7 Page - NEC

Part # RD91EB4
Description  500 mW DHD ZENER DIODE DO-35
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

RD91EB4 Datasheet(HTML) 7 Page - NEC

Back Button RD91EB4 Datasheet HTML 3Page - NEC RD91EB4 Datasheet HTML 4Page - NEC RD91EB4 Datasheet HTML 5Page - NEC RD91EB4 Datasheet HTML 6Page - NEC RD91EB4 Datasheet HTML 7Page - NEC RD91EB4 Datasheet HTML 8Page - NEC RD91EB4 Datasheet HTML 9Page - NEC RD91EB4 Datasheet HTML 10Page - NEC RD91EB4 Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
RD2.0E to RD200E
7
Fig. 8 POWER DISSIPATION vs.
AMBIENT TEMPERATURE
RD2.0E to
RD120E
10 mm
P.C Board
3 mm
t = 0.035 mm
φ
P.C Board
7 mm
t = 0.035 mm
= 5 mm
= 10 mm
0
20
40
60
80 100 120 140 160 180 200
100
200
300
400
500
600
TA – Ambient Temperature – ˚C
Fig. 9 POWER DISSIPATION vs.
AMBIENT TEMPERATURE
RD130E to
RD200E
P.C Board
7 mm
t = 0.035 mm
= 5 mm
0
20
40
60
80 100 120 140 160 180 200
100
200
300
400
500
600
TA – Ambient Temperature – ˚C
Fig. 10 THERMAL RESISTANCE vs.
SIZE OF P.C BOARD
0
20
40
60
80
100
100
200
300
400
500
600
S – Size of P.C Board – mm2
= 5 mm
= 10 mm
Junction to ambient
RD2.0E to
RD120E
Fig. 11 THERMAL RESISTANCE vs.
SIZE OF P.C BOARD
0
20
40
60
80
100
100
200
300
400
500
600
S – Size of P.C Board – mm2
= 5 mm
Junction to ambient
RD130E to
RD200E
RD2.0E to
RD120E
TA = 25 ˚C
TYP.
RD2.0E
RD3.3E
RD4.7E
RD5.1E
RD39E
RD20E
RD5.6E
RD7.5E
RD51E
RD15E
RD91E
RD100E
0.01
0.1
1
10
100
IZ – Zener Current – mA
1
10
100
1 000
RD3.9E
RD10E
10 000
1 000
100
10
0.01
0.1
1
10
IZ – Zener Current – mA
Fig. 12 DYNAMIC IMPEDANCE vs.
ZENER CURRENT
Fig. 13 DYNAMIC IMPEDANCE vs.
ZENER CURRENT
RD130E to RD200E
TA = 25 ˚C
TYP.
RD200E
RD190E
RD180E
RD170E
RD160E
RD150E
RD140E
RD130E
S
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com