Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC8120T Datasheet(PDF) 21 Page - NEC

Part # UPC8120T
Description  -15 dBm INPUT, VARIABLE GAIN AMPLIFIER SILICON MMIC FOR TRANSMITTER AGC OF DIGITAL CELLULAR TELEPHONE
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC8120T Datasheet(HTML) 21 Page - NEC

Back Button UPC8120T Datasheet HTML 17Page - NEC UPC8120T Datasheet HTML 18Page - NEC UPC8120T Datasheet HTML 19Page - NEC UPC8120T Datasheet HTML 20Page - NEC UPC8120T Datasheet HTML 21Page - NEC UPC8120T Datasheet HTML 22Page - NEC UPC8120T Datasheet HTML 23Page - NEC UPC8120T Datasheet HTML 24Page - NEC UPC8120T Datasheet HTML 25Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
21
µµµµPC8130TA, µµµµPC8131TA
µµµµPC8130TA
Output port matching at f = 1440 MHz
ADJACENT CHANNEL INTERFERENCE vs. GAIN CONTROL VOLTAGE
ADJACENT CHANNEL INTERFERENCE vs. INPUT POWER
−50
−55
−60
−65
−70
−75
0
0.5
1
1.5
2
Gain Control Voltage VAGC (V)
2.5
3
3.5
4
−30
−35
−40
−45
−50
−55
−60
−65
−70
−20
−15
−10
−50
5
Input Power Pin (dBm)
TA =
+25 °C
Pin =
−15 dBm
±50 KHz
ADJACENT CHANNEL INTERFERENCE vs. GAIN CONTROL VOLTAGE
−50
−55
−60
−65
−70
−75
0
0.5
1
1.5
2
Gain Control Voltage VAGC (V)
2.5
3
3.5
4
TA =
+85 °C
Pin =
−13 dBm
±50 KHz
ADJACENT CHANNEL INTERFERENCE vs. GAIN CONTROL VOLTAGE
−50
−55
−60
−65
−70
−75
0
0.5
1
1.5
2
Gain Control Voltage VAGC (V)
2.5
3
3.5
4
TA =
−25 °C
Pin =
−15 dBm
±50 KHz
VAGC = VCC
VCC = 3.3 V
VCC = 3.0 V
VCC = 2.7 V
VCC = 3.3 V
VCC = 3.0 V
VCC = 2.7 V
VCC = 3.3 V
VCC = 3.0 V
VCC = 2.7 V
VCC = 3.3 V
VCC = 3.0 V
VCC = 2.7 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com