Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF3205PBF. Datasheet(PDF) 8 Page - International Rectifier

Part # IRF3205PBF.
Description  Power MOSFET(Vdss=55V, Rds(on)=8.0mohm, Id=110A??
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF3205PBF. Datasheet(HTML) 8 Page - International Rectifier

  IRF3205PBF. Datasheet HTML 1Page - International Rectifier IRF3205PBF. Datasheet HTML 2Page - International Rectifier IRF3205PBF. Datasheet HTML 3Page - International Rectifier IRF3205PBF. Datasheet HTML 4Page - International Rectifier IRF3205PBF. Datasheet HTML 5Page - International Rectifier IRF3205PBF. Datasheet HTML 6Page - International Rectifier IRF3205PBF. Datasheet HTML 7Page - International Rectifier IRF3205PBF. Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
IRF3205
8
www.irf.com
L EAD ASSIG N M E NT S
1 - G A T E
2 - D R A IN
3 - SOURCE
4 - D R A IN
- B -
1.32 (.052)
1.22 (.048)
3X
0.55 (.022)
0.46 (.018)
2.92 (.115)
2.64 (.104)
4.69 (.185 )
4.20 (.165 )
3X
0.93 (.037)
0.69 (.027)
4.06 (.160)
3.55 (.140)
1.15 (.04 5)
M IN
6.47 (.255)
6.10 (.240)
3 .78 (.14 9)
3 .54 (.13 9)
- A -
10.54 (.415)
10.29 (.405)
2.87 (.11 3)
2.62 (.10 3)
15.24 (.60 0)
14.84 (.58 4)
14.09 (.55 5)
13.47 (.53 0)
3X
1 .40 (.0 55)
1 .15 (.0 45)
2.54 (.100)
2X
0.36 (.014)
M
B
A
M
4
1
2
3
NO T ES:
1 DIM E N S IO NING & T O L E RANCIN G PER ANSI Y1 4 .5 M , 1 9 82 .
3 O U T L IN E CONF OR M S TO J E DEC OUT L IN E T O -2 2 0 AB.
2 CO N TR O L LIN G DIM E NSIO N : IN C H
4 HEAT SINK & LE AD M EASUREM E NTS DO N O T IN CL UDE BURRS.
Part Marking Information
TO-220AB
Package Outline
TO-220AB Outline
Dimensions are shown in millimeters (inches)
PAR T NUM BER
IN T E R N A T IO N A L
R E C T IF IE R
L O G O
EX AM PL E : T H IS IS AN IR F 1 0 1 0
W IT H ASSE M B L Y
L O T C O D E 9 B 1 M
A S SEMBL Y
L O T
C O D E
DA T E C O DE
(YYW W )
YY = YE A R
WW = WE E K
92 4 6
IR F 1 0 1 0
9B
1 M
A
Data and specifications subject to change without notice.
This product has been designed and qualified for the automotive [Q101] market.
Qualification Standards can be found on IR’s Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.01/01



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com