Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4331 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # 2SC4331
Description  NPN SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC4331 Datasheet(HTML) 5 Page - Renesas Technology Corp

  2SC4331_15 Datasheet HTML 1Page - Renesas Technology Corp 2SC4331_15 Datasheet HTML 2Page - Renesas Technology Corp 2SC4331_15 Datasheet HTML 3Page - Renesas Technology Corp 2SC4331_15 Datasheet HTML 4Page - Renesas Technology Corp 2SC4331_15 Datasheet HTML 5Page - Renesas Technology Corp 2SC4331_15 Datasheet HTML 6Page - Renesas Technology Corp 2SC4331_15 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Data Sheet D16136EJ3V0DS
3
2SC4331,4331-Z
TYPICAL CHARACTERISTICS (TA = 25
°C)
Case Temperature TC (
°C)
Collector to Emitter Voltage VCE (V)
Ambient Temperature TA (
°C)
Single pulse
Collector to Emitter Voltage VCE (V)
Collector Current IC (A)
Pulse test
Pulse test
Pulse Width PW (s)
With infinite heatsink
Ceramic board mounted,
7.5 cm
2
× 0.7 mm



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com