Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S79L24 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # S79L24
Description  Negative Voltage Regulator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

S79L24 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  S79L24_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH S79L24_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 2 of 2
Elektronische Bauelemente
S79L24
3-Terminal
Negative Voltage Regulator
Note: 1. Power dissipation < 0.625W
Electrical Characteristics (Vin=-33, Io=40mA, Tj=25 , C1=0.33uF, Co=0.1uF unless otherwise specified)
Rank A ( 3% )
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
-23.28
-24
-24.72
Vin=-27V ~ -38V, Io=1mA ~ 40mA
VO
-23.28
-24
-24.72
V
Vin=-33V ~ Vmax, Io=1mA ~ 70mA (Note1)
-
-
350
Vin=-27V ~ -38V, Io=40mA
VO
(Line Regulation)
-
-
300
mV
Vin=-28V ~ -38V, Io=40mA
-
-
200
Vin=-33V, Io=1mA ~ 100mA
VO
(Load Regulation)
-
-
100
mV
Vin=-33V, lo=1mA ~ 40mA
IQ
-
-
6.0
mA
Tj=25 : , Vin=-33V, Io =40mA
-
-
1.5
Vin=-28V ~ -38V, Io=40mA
IQ
-
-
0.1
mA
Vin=-33V, Io=1mA ~ 40mA
Vn
-
200
-
uV
f =10Hz ~ 100KHz
RR
31
47
-
db
Vin=-29V ~ -35V, Io=40mA, f=120Hz
VD
-
1.7
-
V
Tj=25 :
Electrical Characteristics (Vin=-33, Io=40mA, Tj=25 , C1=0.33uF, Co=0.1uF unless otherwise specified)
Rank B ( 5% )
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
-22.80
-24
-25.20
Vin=-27V ~ -38V, Io=1mA ~ 40mA
VO
-22.80
-24
-25.20
V
Vin=-33V ~ Vmax, Io=1mA ~ 70mA (Note1)
-
-
350
Vin=-27V ~ -38V, Io=40mA
VO
(Line Regulation)
-
-
300
mV
Vin=-28V ~ -38V, Io=40mA
-
-
200
Vin=-33V, Io=1mA ~ 100mA
VO
(Load Regulation)
-
-
100
mV
Vin=-33V, lo=1mA ~ 40mA
IQ
-
-
6.0
mA
Tj=25 : , Vin=-33V, Io=40mA
-
-
1.5
Vin =-28V ~ -38V, Io=40mA
IQ
-
-
0.1
mA
Vin=-33V, Io=1mA ~ 40mA
Vn
-
200
-
uV
f =10Hz ~ 100KHz
RR
31
47
-
db
Vin =-29V ~ -35V, Io=40mA, f=120Hz
VD
-
1.7
-
V
Tj=25 :



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com