Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZPY3.9 Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # ZPY3.9
Description  1.3 Watts Axial Leaded Zener Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

ZPY3.9 Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  ZPY3.9 Datasheet HTML 1Page - SUNMATE electronic Co., LTD ZPY3.9 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Complete Voltage Range 3.9to 100 Volts
1 of 2
Features
A
A
B
C
D
DO-41
Dim
Min
Max
A
25.40
¾
B
4.06
5.21
C
0.71
0.864
D
2.00
2.72
All Dimensions in mm
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
·
·
·
Mechanical Data
·
·
ZPY3.9-ZPY100
1.3 Watts Axial Leaded Zener Diodes
Silicon planar zener diodes
For use in stabilizing and clipping circuits with
high power rating.
Other tolerances are available upon request.
Case: DO-41 Glass Case
Weight: approx. 0.35g
.
Symbol
Value
Unit
Zener Current see Table "Characteristics"
Power Dissipation
PD
1.3
(1)
W
Thermal Resistance Junction to Ambient Air
RθJA
130
(1)
°C/W
Junction temperature
TJ
175
°C
Storage temperature range
TS
-55 to + 175
°C
Note:
(1) Valid provided that leads at a distance of 10mm from case are kept at ambient temperature.
Parameter
·


Similar Part No. - ZPY3.9

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
ZPY3.9 GE-ZPY3.9 Datasheet
217Kb / 5P
ZENER DIODES
logo
Diotec Semiconductor
ZPY3.9 DIOTEC-ZPY3.9 Datasheet
111Kb / 2P
Silicon-Power-Z-Diodes (non-planar technology)
logo
EIC discrete Semiconduc...
ZPY3.9 EIC-ZPY3.9 Datasheet
35Kb / 2P
ZENER DIODES
logo
New Jersey Semi-Conduct...
ZPY3.9 NJSEMI-ZPY3.9 Datasheet
109Kb / 2P
ZENER DIODES
More results

Similar Description - ZPY3.9

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
1N5913B SUNMATE-1N5913B Datasheet
346Kb / 2P
1.5 Watts Axial Leaded Zener Diodes
2EZ3.6D5 SUNMATE-2EZ3.6D5 Datasheet
102Kb / 2P
2Watts Axial leaded Zener Diodes
BZW03C7V5 SUNMATE-BZW03C7V5 Datasheet
90Kb / 2P
6 Watts Axial Leaded Zener Diodes
BZX85C2V7 SUNMATE-BZX85C2V7 Datasheet
110Kb / 2P
1.3 Watts Axial Leaded Zener Diodes
MZ85C3V0 SUNMATE-MZ85C3V0 Datasheet
278Kb / 2P
1.3 Watts Axial Leaded Zener Diodes
SZ252H SUNMATE-SZ252H Datasheet
69Kb / 2P
1.3 Watts Surface Mount Zener Diodes
ZY3.6 SUNMATE-ZY3.6 Datasheet
115Kb / 2P
2 Watts Axial Leaded Zener Diodes
1N4728A SUNMATE-1N4728A Datasheet
390Kb / 3P
AXIAL LEADED SILICON ZENER DIODES
1N5913A SUNMATE-1N5913A Datasheet
499Kb / 3P
AXIAL LEADED SILICON ZENER DIODES
MZ85C3V0 SUNMATE-MZ85C3V0_15 Datasheet
433Kb / 2P
AXIAL LEADED SILICON ZENER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com