Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XCL213 Datasheet(PDF) 13 Page - Torex Semiconductor

Part # XCL213
Description  1.5A Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCL213 Datasheet(HTML) 13 Page - Torex Semiconductor

Back Button XCL213 Datasheet HTML 8Page - Torex Semiconductor XCL213 Datasheet HTML 9Page - Torex Semiconductor XCL213 Datasheet HTML 10Page - Torex Semiconductor XCL213 Datasheet HTML 11Page - Torex Semiconductor XCL213 Datasheet HTML 12Page - Torex Semiconductor XCL213 Datasheet HTML 13Page - Torex Semiconductor XCL213 Datasheet HTML 14Page - Torex Semiconductor XCL213 Datasheet HTML 15Page - Torex Semiconductor XCL213 Datasheet HTML 16Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13/16
XCL213/XCL214
Series
■
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(7) Load Transient Response
IOUT=1mA⇔1000mA
VOUT=1.8V
1ch:50mV/div 2ch:500mA/div H:100us/div
1
2
VOUT=1.8V
IOUT=1mA⇔1000mA
1ch:50mV/div 2ch:500mA/div H:100us/div
1
2
VOUT=1.8V
IOUT=100mA⇔1000mA
IOUT=100mA⇔1000mA
VOUT=1.8V
1ch:50mV/div 2ch:500mA/div H:100us/div
2
1
VOUT=3.3V
IOUT=1mA⇔1000mA
1ch:50mV/div 2ch:500mA/div H:100us/div
2
1
VOUT=3.3V
IOUT=100mA⇔1000mA
XCL214B183DR (VIN=5V, IOUT=1mA⇔1000mA)
XCL214B183DR (VIN=5V, IOUT=100mA⇔1000mA)
XCL214B333DR (VIN=5V, IOUT=1mA⇔1000mA)
XCL214B333DR (VIN=5V, IOUT=100mA⇔1000mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com