Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NP20P04SLG-E2-AYNote Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # NP20P04SLG-E2-AYNote
Description  SWITCHING P-CHANNEL POWER MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NP20P04SLG-E2-AYNote Datasheet(HTML) 7 Page - Renesas Technology Corp

  NP20P04SLG-E2-AYNote Datasheet HTML 1Page - Renesas Technology Corp NP20P04SLG-E2-AYNote Datasheet HTML 2Page - Renesas Technology Corp NP20P04SLG-E2-AYNote Datasheet HTML 3Page - Renesas Technology Corp NP20P04SLG-E2-AYNote Datasheet HTML 4Page - Renesas Technology Corp NP20P04SLG-E2-AYNote Datasheet HTML 5Page - Renesas Technology Corp NP20P04SLG-E2-AYNote Datasheet HTML 6Page - Renesas Technology Corp NP20P04SLG-E2-AYNote Datasheet HTML 7Page - Renesas Technology Corp NP20P04SLG-E2-AYNote Datasheet HTML 8Page - Renesas Technology Corp NP20P04SLG-E2-AYNote Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Data Sheet D19075EJ2V0DS
5
NP20P04SLG
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
CHANNEL TEMPERATURE
CAPACITANCE vs. DRAIN TO SOURCE VOLTAGE
0
10
20
30
40
50
60
-75
-25
25
75
125
175
225
ID =
−10 A
Pulsed
−10 V
VGS =
−4.5 V
Tch - Channel Temperature -
°C
10
100
1000
10000
-0.1
-1
-10
-100
VGS = 0 V
f = 1 MHz
Ciss
Coss
Crss
VDS - Drain to Source Voltage - V
SWITCHING CHARACTERISTICS
DYNAMIC INPUT/OUTPUT CHARACTERISTICS
1
10
100
1000
-0.1
-1
-10
-100
tr
td(off)
td(on)
tf
VDD = −20 V
VGS = −10 V
RG = 0 Ω
ID - Drain Current - A
0
-10
-20
-30
-40
0
10
203040
0
-3
-6
-9
-12
VDS
ID =
−20 A
VGS
VDD =
−32 V
−20 V
−8 V
QG - Gate Charge - nC
SOURCE TO DRAIN DIODE
FORWARD VOLTAGE
REVERSE RECOVERY TIME vs.
DIODE FORWARD CURRENT
-0.01
-0.1
-1
-10
-100
0
0.5
1
1.5
VGS =
−10 V
0 V
Pulsed
VF(S-D) - Source to Drain Voltage - V
1
10
100
1000
-0.1
-1
-10
-100
di/dt =
−100 A/μs
VGS = 0 V
IF - Diode Forward Current - A



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com