Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NP20P06SLG-E1-AYNote Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # NP20P06SLG-E1-AYNote
Description  SWITCHING P-CHANNEL POWER MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NP20P06SLG-E1-AYNote Datasheet(HTML) 1 Page - Renesas Technology Corp

  NP20P06SLG-E1-AYNote Datasheet HTML 1Page - Renesas Technology Corp NP20P06SLG-E1-AYNote Datasheet HTML 2Page - Renesas Technology Corp NP20P06SLG-E1-AYNote Datasheet HTML 3Page - Renesas Technology Corp NP20P06SLG-E1-AYNote Datasheet HTML 4Page - Renesas Technology Corp NP20P06SLG-E1-AYNote Datasheet HTML 5Page - Renesas Technology Corp NP20P06SLG-E1-AYNote Datasheet HTML 6Page - Renesas Technology Corp NP20P06SLG-E1-AYNote Datasheet HTML 7Page - Renesas Technology Corp NP20P06SLG-E1-AYNote Datasheet HTML 8Page - Renesas Technology Corp NP20P06SLG-E1-AYNote Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
To our customers,
Old Company Name in Catalogs and Other Documents
On April 1st, 2010, NEC Electronics Corporation merged with Renesas Technology
Corporation, and Renesas Electronics Corporation took over all the business of both
companies. Therefore, although the old company name remains in this document, it is a valid
Renesas Electronics document. We appreciate your understanding.
Renesas Electronics website: http://www.renesas.com
April 1st, 2010
Renesas Electronics Corporation
Issued by:
Renesas Electronics Corporation (http://www.renesas.com)
Send any inquiries to http://www.renesas.com/inquiry.


Similar Part No. - NP20P06SLG-E1-AYNote

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
NP20P06SLG-E1-AY VBSEMI-NP20P06SLG-E1-AY Datasheet
988Kb / 8P
P-Channel 60-V (D-S) MOSFET
logo
Renesas Technology Corp
NP20P06SLG-E1-AY RENESAS-NP20P06SLG-E1-AY Datasheet
307Kb / 9P
MOS FIELD EFFECT TRANSISTOR
NP20P06SLG-E1-AY RENESAS-NP20P06SLG-E1-AY Datasheet
1Mb / 8P
-60V – -20A – P-channel Power MOS FET Application : Automotive
Rev.1.00 Jun. 17, 2022
More results

Similar Description - NP20P06SLG-E1-AYNote

ManufacturerPart #DatasheetDescription
logo
NEC
UPA1730TP NEC-UPA1730TP Datasheet
65Kb / 8P
SWITCHING P-CHANNEL POWER MOSFET
UPA1772 NEC-UPA1772 Datasheet
67Kb / 6P
SWITCHING P-CHANNEL POWER MOSFET
UPA2711GR NEC-UPA2711GR Datasheet
149Kb / 7P
SWITCHING P-CHANNEL POWER MOSFET
UPA2713GR NEC-UPA2713GR Datasheet
77Kb / 7P
SWITCHING P-CHANNEL POWER MOSFET
UPA2714GR NEC-UPA2714GR Datasheet
89Kb / 8P
SWITCHING P-CHANNEL POWER MOSFET
UPA2730TP NEC-UPA2730TP Datasheet
80Kb / 8P
SWITCHING P-CHANNEL POWER MOSFET
logo
Renesas Technology Corp
NP36P06SLG-E1-AY RENESAS-NP36P06SLG-E1-AY Datasheet
286Kb / 9P
SWITCHING P-CHANNEL POWER MOSFET
NP15P04SLG RENESAS-NP15P04SLG_15 Datasheet
305Kb / 9P
SWITCHING P-CHANNEL POWER MOSFET
NP20P04SLG RENESAS-NP20P04SLG_15 Datasheet
307Kb / 9P
SWITCHING P-CHANNEL POWER MOSFET
NP83P06PDG RENESAS-NP83P06PDG_15 Datasheet
299Kb / 9P
SWITCHING P-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com