Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NP20P06SLG-E2-AYNote Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # NP20P06SLG-E2-AYNote
Description  SWITCHING P-CHANNEL POWER MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NP20P06SLG-E2-AYNote Datasheet(HTML) 4 Page - Renesas Technology Corp

  NP20P06SLG-E2-AYNote Datasheet HTML 1Page - Renesas Technology Corp NP20P06SLG-E2-AYNote Datasheet HTML 2Page - Renesas Technology Corp NP20P06SLG-E2-AYNote Datasheet HTML 3Page - Renesas Technology Corp NP20P06SLG-E2-AYNote Datasheet HTML 4Page - Renesas Technology Corp NP20P06SLG-E2-AYNote Datasheet HTML 5Page - Renesas Technology Corp NP20P06SLG-E2-AYNote Datasheet HTML 6Page - Renesas Technology Corp NP20P06SLG-E2-AYNote Datasheet HTML 7Page - Renesas Technology Corp NP20P06SLG-E2-AYNote Datasheet HTML 8Page - Renesas Technology Corp NP20P06SLG-E2-AYNote Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Data Sheet D19076EJ1V0DS
2
NP20P06SLG
ELECTRICAL CHARACTERISTICS (TA = 25
°C)
CHARACTERISTICS
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Zero Gate Voltage Drain Current
IDSS
VDS =
−60 V, VGS = 0 V
−10
μA
Gate Leakage Current
IGSS
VGS = m20 V, VDS = 0 V
m10
μA
Gate to Source Threshold Voltage
VGS(th)
VDS = VGS, ID =
−250
μA
−1.0
−1.6
−2.5
V
Forward Transfer Admittance
Note
| yfs |
VDS =
−10 V, ID = −10 A
7
14
S
Drain to Source On-state Resistance
Note
RDS(on)1
VGS =
−10 V, ID = −10 A
36
48
m
Ω
RDS(on)2
VGS =
−4.5 V, ID = −10 A
42
64
m
Ω
Input Capacitance
Ciss
VDS =
−10 V,
1650
pF
Output Capacitance
Coss
VGS = 0 V,
200
pF
Reverse Transfer Capacitance
Crss
f = 1 MHz
130
pF
Turn-on Delay Time
td(on)
VDD =
−30 V, ID = −10 A,
8
ns
Rise Time
tr
VGS =
−10 V,
8
ns
Turn-off Delay Time
td(off)
RG = 0
Ω
160
ns
Fall Time
tf
80
ns
Total Gate Charge
QG
VDD =
−48 V,
34
nC
Gate to Source Charge
QGS
VGS =
−10 V,
4
nC
Gate to Drain Charge
QGD
ID =
−20 A
9
nC
Body Diode Forward Voltage
Note
VF(S-D)
IF =
−20 A, VGS = 0 V
0.95
1.5
V
Reverse Recovery Time
trr
IF =
−20 A, VGS = 0 V,
38
ns
Reverse Recovery Charge
Qrr
di/dt =
−100 A/
μs
51
nC
Note Pulsed test PW
≤ 350
μs, Duty Cycle ≤ 2%
TEST CIRCUIT 1 AVALANCHE CAPABILITY
RG = 25
Ω
50
Ω
L
VDD
VGS =
−20 → 0 V
BVDSS
IAS
ID
VDS
Starting Tch
VDD
D.U.T.
TEST CIRCUIT 3 GATE CHARGE
TEST CIRCUIT 2 SWITCHING TIME
PG.
RG
0
VGS(−)
D.U.T.
RL
VDD
τ = 1 s
μ
Duty Cycle
≤ 1%
VGS
Wave Form
VDS
Wave Form
VGS(−)
10%
90%
VGS
10%
0
VDS(−)
90%
90%
td(on)
tr
td(off)
tf
10%
τ
VDS
0
ton
toff
PG.
PG.
50
Ω
D.U.T.
RL
VDD
IG =
−2 mA
−



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com