Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMART550USBWD Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # SMART550USBWD
Description  SmartPro 120V 550VA 300W Line-Interactive UPS,Watchdog Software, Tower, USB, Tel-DSL Protection
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SMART550USBWD Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  SMART550USBWD Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SMART550USBWD Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SMART550USBWD Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SMART550USBWD Datasheet HTML 4Page - Tripp Lite. All Rights Reserved SMART550USBWD Datasheet HTML 5Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SmartPro 120V 550VA 300W Line-Interactive UPS,
Watchdog Software, Tower, USB, Tel/DSL Protection
MODEL NUMBER: SMART550USBWD
Description
Tripp Lite's SMART550USBWD provides unattended systems (including kiosks, web/email servers, security
system computers and more) with a single-purchase solution for 100% availability, including a UPS System and
WatchDog Service Monitoring/Reboot Software. In addition to completely bulletproofing equipment against two
common causes of downtime (blackouts and computer service lockup) SMART550USBWD models save money by providing two availability products for less
than the price of a single solution.
The line-interactive UPS System offers voltage regulation, surge suppression and long lasting battery support. Internal UPS circuits support systems for up to
30 minutes during power failures. Automatic Voltage Regulation (AVR) circuits regulate brownouts as low as 89 volts back to normal 120V levels without using
battery power. Offers complete power protection in an attractive black tower configuration. Includes 3 battery supported outlets for computer, monitor and one
vital system peripheral, plus 3 additional surge suppression-only outlets for printers and other system accessories not requiring battery support. USB port
works with PowerAlert Software (included) to enable optional unattended system shutdown without data loss in the case of an extended power failure, USB
cable included. Built-in single line RJ11 phone suppression jacks protect modem or other peripheral with a standard dialup/DSL phone connection. Built-in
audible alarm and 4 front panel LEDs indicate line power status, battery power status, battery low/replace status and voltage boost operation. 550VA/300 watt
power handling ability. Offers 4.6 minutes battery runtime with a full load of 550VA/300 watts and 14.8 minutes with a half load of 275VA/150 watts. Supports
battery replacement via built-in access panel. $200,000connected equipment insurance (USA and Canada Only).
WatchDog Software (included) automatically reboots locked-up or poorly performing system service applications. Set CPU- and memory-usage thresholds
and monitor service performance in one application. Together with the UPS System, WatchDog Software eliminates the #1 reason for costly service calls—the
need to reboot locked systems.* WatchDog Software runs directly on your computer, eliminating the need for a separate hardware device. If the system fails
to reboot, WatchDog Software automatically directs PowerAlert Software to reboot the computer and connected equipment by powering down and restarting
the UPS System. WatchDog Software supports Windows® NT, 2000 and XP systems. *
Server Technology study
Features
SMART550USBWD line interactive UPS system offers voltage regulation and battery support in addition to complete AC and dialup/DSL modem line
surge suppression
Includes Tripp Lite's WatchDog Service Monitoring/Reboot Software as well as PowerAlert, Tripp Lite's Network Power Management Software
WatchDog Software automatically reboots locked-up or poorly performing system service applications
Supports CPUs for up to 30 minutes during power failures
Highlights
550VA tower 120V line
interactive UPS with WatchDog
software
Corrects brownouts as low as
89V without using battery power
3 UPS battery supported outlets,
3 surge-only outlets
USB port, TEL/DSL/ethernet
protection
NEMA 5-15P input plug and 6
NEMA 5-15R outlets
Package Includes
SMART550USBWD UPS System
USB and telephone
interconnection cables
Tripp Lite WatchDog and
PowerAlert Software on CD-ROM
Instruction manual with warranty
information
1 / 5


Similar Part No. - SMART550USBWD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMART550USB ETC2-SMART550USB Datasheet
499Kb / 6P
Smart USB 550VA Tower Line-Interactive 120V UPS with USB port
logo
Tripp Lite. All Rights ...
SMART550USBTAA TRIPPLITE-SMART550USBTAA Datasheet
495Kb / 5P
TAA-Compliant SmartPro 120V 550VA 300W Line-Interactive UPS, Tower, USB, Tel-DSL Protection
SMART550USB TRIPPLITE-SMART550USB_15 Datasheet
494Kb / 5P
SmartPro 120V 550VA 300W Line-Interactive UPS,Tower, USB, Tel-DSL Protection
More results

Similar Description - SMART550USBWD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMART750 ETC2-SMART750 Datasheet
501Kb / 6P
SmartPro .75kVA Line Interactive UPS, Tower USB 120V
SMART550USB ETC2-SMART550USB Datasheet
499Kb / 6P
Smart USB 550VA Tower Line-Interactive 120V UPS with USB port
logo
Tripp Lite. All Rights ...
OMNISMART500 TRIPPLITE-OMNISMART500_15 Datasheet
499Kb / 5P
OmniSmart 120V 500VA 300W Line-Interactive UPS,Tower, USB port
POS500 TRIPPLITE-POS500_15 Datasheet
519Kb / 4P
POS Series 120V 500VA 300W Standby UPS, Tower,USB port, 6 Outlets, TEL-DSL Protection
SMART550USB TRIPPLITE-SMART550USB_15 Datasheet
494Kb / 5P
SmartPro 120V 550VA 300W Line-Interactive UPS,Tower, USB, Tel-DSL Protection
SMART550USBTAA TRIPPLITE-SMART550USBTAA Datasheet
495Kb / 5P
TAA-Compliant SmartPro 120V 550VA 300W Line-Interactive UPS, Tower, USB, Tel-DSL Protection
SMART1000LCD TRIPPLITE-SMART1000LCD_15 Datasheet
508Kb / 5P
SmartPro LCD 120V 1kVA 500W Line-Interactive UPS, Tower, LCD Display, USB, TEL-DSL-Coax Protection
SMART1000LCDTAA TRIPPLITE-SMART1000LCDTAA Datasheet
507Kb / 5P
TAA-Compliant SmartPro LCD 120V 1kVA 500W Line-Interactive UPS, Tower, LCD Display, USB,TEL/DSL/Coax Protection
SMART1050 TRIPPLITE-SMART1050_15 Datasheet
502Kb / 5P
SmartPro 120V 1.05kVA 705W Line-Interactive UPS,Tower, 120V, USB port
SMART1000LCDU TRIPPLITE-SMART1000LCDU Datasheet
169Kb / 5P
SmartPro LCD 120V 1000VA 500W Line-Interactive Desktop UPS, AVR, Tower, USB, TEL/DSL/Coax, 8 Outlets
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com