Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRF949 Datasheet(PDF) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # PRF949
Description  UHF wideband transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

PRF949 Datasheet(HTML) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  PRF949_15 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. PRF949_15 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. PRF949_15 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. PRF949_15 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. PRF949_15 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. PRF949_15 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. PRF949_15 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. PRF949_15 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. PRF949_15 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2000 Apr 03
2
Philips Semiconductors
Product specification
UHF wideband transistor
PRF949
FEATURES
• Small size
• Low noise
• Low distortion
• High gain
• Gold metallization ensures excellent reliability.
APPLICATIONS
• Communication and instrumentation systems.
DESCRIPTION
Silicon NPN transistor in a surface mount 3-pin SOT416
(SC-75) package. The transistor is primarily intended for
wideband applications in the GHz range in the RF front
end of analog and digital cellular telephones, cordless
phones, radar detectors, pagers and satellite TV-tuners.
PINNING SOT416 (SC-75)
PIN
DESCRIPTION
1
base
2
emitter
3
collector
handbook, halfpage
12
3
MBK090
Top view
Fig.1 Simplified outline (SOT416).
Marking code: V0.
QUICK REFERENCE DATA
Note
1. Ts is the temperature at the soldering point of the collector pin.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Cre
feedback capacitance
IC = 0; VCB =6V; f=1MHz
−
0.3
−
pF
fT
transition frequency
IC = 15 mA; VCE =6V; fm = 1 GHz
7
9
−
GHz
GUM
maximum unilateral power gain
IC = 15 mA; VCE =6V;
Tamb =25 °C; f = 1 GHz
−
16
−
dB
NF
noise figure
ΓS = Γopt; IC = 5 mA; VCE =6V;
f = 1 GHz
−
1.5
2.5
dB
Ptot
total power dissipation
Ts =75 °C; note 1
−−
150
mW
Rth j-s
thermal resistance from junction
to soldering point
−−
500
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com