Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF6601 Datasheet(PDF) 2 Page - International Rectifier

Part # IRF6601
Description  DirectFET??Power MOSFET(Vdss=20V)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF6601 Datasheet(HTML) 2 Page - International Rectifier

  IRF6601 Datasheet HTML 1Page - International Rectifier IRF6601 Datasheet HTML 2Page - International Rectifier IRF6601 Datasheet HTML 3Page - International Rectifier IRF6601 Datasheet HTML 4Page - International Rectifier IRF6601 Datasheet HTML 5Page - International Rectifier IRF6601 Datasheet HTML 6Page - International Rectifier IRF6601 Datasheet HTML 7Page - International Rectifier IRF6601 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRF6601
2
www.irf.com
Symbol
Parameter
Min. Typ. Max. Units
Conditions
gfs
Forward Transconductance
50
–––
–––
SVDS = 10 V, ID = 21 A
Qg
Total Gate Charge Cont FET
–––
36
54
ID = 21A
Qgs
Gate-to-Source Charge
–––
11
–––
nC
VDS = 16 V
Qgd
Gate to Drain ("Miller")Charge
–––
12
–––
VGS = 4.5 V,
Qoss
Output Charge
–––
48
–––
VDS = 0 V, VGS = 16V
td(on)
Turn-On Delay Time
–––
16
–––
VDD = 15 V
tr
Rise Time
–––
140
–––
ns
ID = 21 A
td(off)
Turn-Off Delay Time
–––
33
–––
RG = 5.1 Ω
tf
Fall Time
–––
110
–––
VGS = 4.5 V
‚
Ciss
Input Capacitance
–––
3440 –––
VGS = 0V
Coss
Output Capacitance
–––
2430 –––
pF
VDS = 10V
Crss
Reverse Transfer Capacitance
–––
380
–––
ƒ = 1.0MHz
Symbol
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
–––
–––
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

–––
–––
p-n junction diode.
–––
0.83
1.2
V
TJ = 25°C, IS = 21A, VGS = 0V
‚
–––
0.68
–––
TJ = 125°C, IS = 21A, VGS = 0V
‚
trr
Reverse Recovery Time
–––
60
90
ns
TJ = 25°C, IF = 21A, VR=15 V
Qrr
Reverse Recovery Charge
–––
94
140
nC
di/dt = 100A/µs
‚
trr
Reverse Recovery Time
–––
62
93
ns
TJ = 125°C, IF = 21A, VR=15 V
Qrr
Reverse Recovery Charge
–––
88
130
nC
di/dt = 100A/µs
‚
Dynamic @ TJ = 25°C (unless otherwise specified)
S
D
G
Diode Characteristics
26
200
A
VSD
Diode Forward Voltage
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
20
–––
–––
VVGS = 0V, ID = 100µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
0.019
–––
V/°C
Reference to 25°C, ID = 1mA
–––
–––
3.8
VGS = 10V, ID = 26A
–––
–––
5.0
VGS = 4.5V, ID = 21A
‚
VGS(th)
Gate Threshold Voltage
1.0
–––
3.0
V
VDS = VGS, ID = 250µA
–––
–––
20
µA
VDS = 16V, VGS = 0V
–––
–––
100
VDS = 16V, VGS = 0V, TJ = 70°C
Gate-to-Source Forward Leakage
–––
–––
100
VGS = 20 V
Gate-to-Source Reverse Leakage
–––
–––
-100
nA
VGS = -20 V
Static @ TJ = 25°C (unless otherwise specified)
IGSS
IDSS
Drain-to-Source Leakage Current
RDS(on)
Static Drain-to-Source On-Resistance
m
Ω
Symbol
Parameter
Typ.
Max.
Units
EAS
Single Pulse Avalanche Energy
‡
–––
65
mJ
IAR
Avalanche Current

–––
21
A
Avalanche Characteristics



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com