Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TO-252 Datasheet(PDF) 1 Page - Torex Semiconductor

Part # TO-252
Description  Packaging Information
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

TO-252 Datasheet(HTML) 1 Page - Torex Semiconductor

  TO-252 Datasheet HTML 1Page - Torex Semiconductor TO-252 Datasheet HTML 2Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TO-252
●外形寸法図 / Packaging Information
●参考パターン寸法 / Reference Pattern Layout
外形寸法図 Packaging Information /
参考パターン寸法 Reference Pattern Layout Dimensions
Unit: mm
(2.29)
(2.29)
4.94-5.50
BOTTOM VIEW
0.64-0.89
0.64-0.89
0.64-0.89
0.46-0.61
4.32 MIN
6.35-6.75


Similar Part No. - TO-252

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TO-252 ETC-TO-252 Datasheet
6Kb / 1P
TO-252 (MP-3Z)
TO-252 ETC-TO-252 Datasheet
109Kb / 6P
3.0 AMP POSITIVE VOLTAGE REGULATOR
logo
Analog Microelectronics
TO-252 AME-TO-252 Datasheet
47Kb / 1P
Carrier Width (W) 16.0-0.1 mm Pitch (P) 4.0-0.1 mm
logo
SHENZHEN YONGERJIA INDU...
TO-252 WINNERJOIN-TO-252 Datasheet
133Kb / 1P
TRANSISTOR (PNP)
TO-252 WINNERJOIN-TO-252 Datasheet
80Kb / 1P
Three-terminal positive voltage regulator
More results

Similar Description - TO-252

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PACKAGIN VISHAY-PACKAGIN Datasheet
240Kb / 9P
Packaging Information
01-Feb-13
logo
Texas Instruments
TPS51622ARSMR TI-TPS51622ARSMR Datasheet
829Kb / 10P
PACKAGING INFORMATION
logo
Vishay Siliconix
SS23-E3 VISHAY-SS23-E3 Datasheet
246Kb / 9P
Packaging Information
01-Feb-13
DF10SA-E3 VISHAY-DF10SA-E3 Datasheet
240Kb / 9P
Packaging Information
01-Feb-13
US1M-E35AT VISHAY-US1M-E35AT Datasheet
396Kb / 9P
Packaging Information
05-Mar-14
SIHP33N60E VISHAY-SIHP33N60E Datasheet
396Kb / 9P
Packaging Information
18-Mar-14
logo
Torex Semiconductor
SMA-XG TOREX-SMA-XG Datasheet
76Kb / 1P
Packaging Information
SOD-123P TOREX-SOD-123P Datasheet
173Kb / 2P
Packaging Information
SOT-23D TOREX-SOT-23D Datasheet
229Kb / 3P
Packaging Information
USPN-6B01 TOREX-USPN-6B01 Datasheet
261Kb / 3P
Packaging Information
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com